Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 196 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 192Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 193Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 194Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 195Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 196Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 197Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 198Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 199Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
6.5.2
Display Subsystem (DSS)
The display subsystem (DSS) provides the logic to display the video frame from external (SDRAM) or
internal (SRAM) memory on an LCD panel or a TV set. The DSS integrates a display controller, a remote
frame buffer module (RFBI), and a TV-out module. It can be used in two configurations:
•
LCD display in:
–
Bypass mode (RFBI module bypassed)
–
RFBI mode (through RFBI module)
•
TV display (not discussed in this document because of its analog IO signals)
The two displays can be active at the same time.
NOTE
For more information, see Display Subsystem / Display Subsystem Functional Description
section of the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
6.5.2.1
LCD Display in Bypass Mode
Two types of LCD panel are supported:
•
Thin film transistor (TFT) or active matrix technology
•
Supertwisted nematic (STN) or passive matrix technology
Both configurations are discussed in the following paragraphs.
6.5.2.1.1 LCD Display in TFT Mode
6.5.2.1.1.1 LCD Display in TFT Mode – HDTV Application
Table 6-37 assumes testing over the recommended operating conditions (see Figure 6-28).
Table 6-37. LCD Display Switching Characteristics in TFT Mode – HDTV Application(3) (4)
NO.
PARAMETER
OPP3
OPP2
UNIT
MIN
MAX
MIN
MAX
DL0
td(PCLKA-HSYNCT) Delay time, dss_pclk active edge to dss_hsync
–4.2
4.2
–4.7
4.7
ns
transition
DL1
td(PCLKA-VSYNCT)
Delay time, dss_pclk active edge to dss_vsync
–4.2
4.2
–4.7
4.7
ns
transition
DL2
td(PCLKA-ACBIASA) Delay time, dss_pclk active edge to
–4.2
4.2
–4.7
4.7
ns
dss_acbias active level
DL3
td(PCLKA-DATAV)
Delay time, dss_pclk active edge to dss_data
–4.2
4.2
–4.7
4.7
ns
bus valid
DL4
tc(PCLK)
Cycle time(2), dss_pclk
13.468
15.152
ns
DL5
tw(PCLK)
Pulse duration, dss_pclk low or high
0.45*P(1)
0.55*P(1)
0.45*P(1)
0.55*P(1)
ns
(1) P = dss_pclk period.
(2) The pixel clock frequency is software programmable via the pixel clock divider configuration from 1 to 255 division range in the
DISPC_DIVISOR register.
(3) The capacitive load is equivalent to 25 pF at 1.15 V and 30 pF at 1.0 V.
(4) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
196
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com