Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 210 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 210 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 206Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 207Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 208Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 209Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 210Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 211Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 212Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 213Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 265 page
background image
mcbspx_clkx
mcbspx_fsx
mcbspx_dx
D7
D6
D5
B8
B5
B6
030-075
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-40. McBSP Falling Edge Transmit Timing in Slave Mode
6.6.1.2
McBSP in TDM—Multipoint Mode (McBSP3)
For TDM application in multipoint mode, OMAP3530/25 is considered as a slave. Table 6-69 and Table 6-
70 assume testing over the operating conditions and electrical characteristic conditions described below.
Table 6-68. McBSP3 Timing Conditions—TDM in Multipoint Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rising time
1.0
8.5
ns
tF
Input signal falling time
1.0
8.5
ns
Output Conditions
CLOAD
Output Load Capacitance
40
pF
Table 6-69. McBSP3 Timing Requirements—TDM in Multipoint Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
tW(CLKH)
Cycle Time, mcbsp3_clkx
162.8
162.8
ns
tW(CLKH)
Typical Pulse duration, mcbsp3_clkx high
0.5*P(2)
0.5*P(2)
ns
tW(CLKL)
Typical Pulse duration, mcbsp3_clkx low
0.5*P(2)
0.5*P(2)
ns
tdc(CLK)
Duty cycle error, mcbsp3_clkx
–8.14
8.14
–8.14
8.14
ns
B3(3)
tsu(DRV-CLKAE)
Setup time, mcbsp3_dr valid before
9
9
ns
mcbsp3_clkx active edge
B4(3)
th(CLKAE-DRV)
Hold time, mcbsp3_dr valid after mcbsp3_clkx
2.4
2.4
ns
active edge
B5(3)
tsu(FSV-CLKAE)
Setup time, mcbsp3_fsx valid before
9
9
ns
mcbsp3_clkx active edge
B6(3)
th(CLKAE-FSV)
Hold time, mcbsp3_fsx valid after
2.4
2.4
ns
mcbsp3_clkx active edge
(1)
For McBSP3, these timings concern only Set #3 (multiplexing mode in McBSP1 pins).
(2)
P = mcbsp3_clkx period in ns
(3)
See Section 6.6.1.1, McBSP in Normal Mode for corresponding figures.
Table 6-70. McBSP3 Switching Characteristics—TDM in Multipoint Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
B8(2)
td(CLKXAE-DXV)
Delay time, mcbsp3_clkx active edge to
0.6
16.8
0.6
29.6
ns
mcbsp3_dx valid
(1)
For McBSP3, these timings concern only Set #3 (multiplexing mode in McBSP1 pins).
(2)
See Section 6.6.1.1, McBSP in Normal Mode for corresponding figures.
210
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com