Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 235 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 235 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 231Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 232Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 233Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 234Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 235Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 236Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 237Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 238Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
6.7
Removable Media Interfaces
6.7.1
High-Speed Multimedia Memory Card (MMC) and Secure Digital IO Card (SDIO) Timing
The MMC/SDIO host controller provides an interface to high-speed and standard MMC, SD memory
cards, or SDIO cards. The application interface is responsible for managing transaction semantics. The
MMC/SDIO host controller deals with MMC/SDIO protocol at transmission level, packing data, adding
CRC, start/end bit, and checking for syntactical correctness.
There are three MMC interfaces on the OMAP3530/25:
•
MMC/SD/SDIO Interface 1:
–
1.8 V/3 V support
–
8 bits
•
MMC/SD/SDIO Interface 2:
–
1.8 V support
–
8 bits
–
4 bits with external transceiver allowing to support 3 V peripherals. Transceiver direction control
signals are multiplexed with the upper four data bits.
•
MMC/SD/SDIO Interface 3:
–
1.8 V support
–
8 bits
6.7.1.1
MMC/SD/SDIO in SD Identification Mode
Table 6-118 and Table 6-119 assume testing over the recommended operating conditions and electrical
characteristic conditions.
Table 6-117. MMC/SD/SDIO Timing Conditions – SD Identification Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
SD Identification Mode
Input Conditions
tR
Input signal rise time
10
ns
tF
Input signal fall time
10
ns
Output Conditions
CLOAD
Output load capacitance
40
pF
Table 6-118. MMC/SD/SDIO Timing Requirements – SD Identification Mode(1) (2) (3)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SD Identification Mode
MMC/SD/SDIO Interface 1 (1.8 V IO)
HSSD3/SD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before
1198.4
1198.4
ns
mmc1_clk rising clock edge
HSSD4/SD4
tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after
1249.2
1249.2
ns
mmc1_clk rising clock edge
MMC/SD/SDIO Interface 1 (3.0 V IO)
HSSD3/SD3
tsu(CMDV-CLKIH)
Setup time, mmc1_cmd valid before
1198.4
1198.4
ns
mmc1_clk rising clock edge
HSSD4/SD4
tsu(CLKIH-CMDIV)
Hold time, mmc1_cmd valid after
1249.2
1249.2
ns
mmc1_clk rising clock edge
MMC/SD/SDIO Interface 2
(1)
Timing parameters are referred to output clock specified in Table 6-119.
(2)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified in Table 6-119.
(3)
Corresponding figures showing timing parameters are common with other interface modes. (See SD and HS SD modes).
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
235
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com