Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 254 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 254 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 250Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 251Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 252Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 253Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 254Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 255Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 256Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 257Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-150. JTAG Timing Conditions – Adaptive Clock Mode (continued)
TIMING CONDITION PARAMETER
VALUE
UNIT
Output Conditions
CLOAD
Output load capacitance
30
pF
Table 6-151. JTAG Timing Requirements – Adaptive Clock Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
JA4
tc(tck)
Cycle time(2), jtag_tck period
50
50
ns
JA5
tw(tckL)
Typical pulse duration, jtag_tck low
0.5*P(3)
0.5*P(3)
ns
JA6
tw(tckH)
Typical pulse duration, jtag_tck high
0.5*P(3)
0.5*P(3)
ns
tdc(lclk)
Duty cycle error, jtag_tck
–2500
2500
–2500
2500
ps
tj(lclk)
Cycle jitter(4), jtag_tck
–1500
1500
–1500
1500
ps
JA7
tsu(tdiV-tckH)
Setup time, jtag_tdi valid before jtag_tck high
13.8
13.8
ns
JA8
th(tdiV-tckH)
Hold time, jtag_tdi valid after jtag_tck high
13.8
13.8
ns
JA9
tsu(tmsV-tckH)
Setup time, jtag_tms valid before jtag_tck high
13.8
13.8
ns
JA10
th(tmsV-tckH)
Hold time, jtag_tms valid after jtag_tck high
13.8
13.8
ns
(1)
The timing requirements are assured for the cycle jitter and duty cycle error conditions specified.
(2)
Related with the input maximum frequency supported by the JTAG module.
(3)
P = jtag _tck period in ns.
(4)
Maximum cycle jitter supported by jtag _tck input clock.
Table 6-152. JTAG Switching Characteristics – Adaptive Clock Mode
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
JA1
tc(rtck)
Cycle time(1), jtag_rtck period
50
50
ns
JA2
tw(rtckL)
Typical pulse duration, jtag_rtck low
0.5*PO(2)
0.5*PO(2)
ns
JA3
tw(rtckH)
Typical pulse duration, jtag_rtck high
0.5*PO(2)
0.5*PO(2)
ns
tdc(rtck)
Duty cycle error, jtag_rtck
–2500
2500
–2500
2500
ps
tj(rtck)
Jitter standard deviation(3), jtag_rtck
33.3
33.3
ps
tR(rtck)
Rise time, jtag_rtck
4
4
ns
tF(rtck)
Fall time, jtag_rtck
4
4
ns
JA11
td(rtckL-tdoV)
Delay time, jtag_rtck low to jtag_tdo valid
–14.6
14.6
–14.6
14.6
ns
tR(tdo)
Rise time, jtag_tdo,
4
4
ns
tF(tdo)
Fall time, jtag_tdo
4
4
ns
(1)
Related with the jtag _rtck maximum frequency programmable.
(2)
PO = jtag _rtck period in ns.
(3)
The jitter probability density can be approximated by a Gaussian function.
254
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com