Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 211 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 207Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 208Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 209Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 210Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 211Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 212Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 213Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 214Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
6.6.2
Multichannel Serial Port Interface (McSPI) Timing
The multichannel SPI is a master/slave synchronous serial bus. The McSPI1 module supports up to four
peripherals and the others (McSPI2, McSPI3, and McSPI4) support up to two peripherals. The following
timings are applicable to the different configurations of McSPI in master/slave mode for any McSPI and
any channel (n).
6.6.2.1
McSPI in Slave Mode
Table 6-71 and Table 6-72 assume testing over the recommended operating conditions (see Figure 6-41).
Table 6-71. McSPI Interface Timing Requirements – Slave Mode(1) (2)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
1/SS
1/tc(CLK)
Frequency, mcspix_clk
24
12
MHz
0
tj(CLK)
Cycle jitter(3), mcspix_clk
-200
200
-200
200
ps
SS1
tw(CLK)
Pulse duration, mcspix_clk high or low
0.45*P(4)
0.55*P(4)
0.45*P(4)
0.55*P(4)
ns
SS2
tsu(SIMOV-CLKAE)
Setup time, mcspix_simo valid before mcspix_clk
4.2
9.5
ns
active edge
SS3
th(SIMOV-CLKAE)
Hold time, mcspix_simo valid after mcspix_clk active
4.6
9.9
ns
edge
SS4
tsu(CS0V-CLKFE)
Setup time, mcspix_cs0 valid before mcspix_clk first
13.8
28.6
ns
edge
SS5
th(CS0I-CLKLE)
Hold time, mcspix_cs0 invalid after mcspix_clk last
13.8
28.6
ns
edge
(1)
The input timing requirements are given by considering a rise time and a fall time of 4 ns.
(2)
In mcspix, x is equal to 1, 2, 3, or 4.
(3)
Maximum cycle jitter supported by mcspix_clk input clock.
(4)
P = mcspix_clk clock period
Table 6-72. McSPI Interface Switching Requirements(1) (2) (3) (4)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SS6
td(CLKAE-SOMIV)
Delay time, mcspix_clk active edge to mcspix_somi
1.8
15.9
3.2
31.7
ns
shifted
SS7
td(CS0AE-SOMIV)
Delay time, mcspix_cs0 active edge to
Modes 0 and 2
15.9
31.7
ns
mcspix_somi shifted
(1)
The capacitive load is equivalent to 20 pF.
(2)
In mcspix, x is equal to 1, 2, 3, or 4.
(3)
The polarity of mcspix_clk and the active edge (rising or falling) on which mcspix_simo is driven and mcspix_somi is latched is all
software configurable.
(4)
This timing applies to all configurations regardless of mcspix_clk polarity and which clock edges are used to drive output data and
capture input data.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
211
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com