Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 214 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 210Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 211Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 212Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 213Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 214Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 215Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 216Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 217Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-76. McSPI3 Interface Switching Requirements – Master Mode(1) (2) (3) (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SM4
td(CLKAE-SIMOV)
Delay time, mcspix_clk active edge to
–2.1
11.3
–5.3
23.6
ns
mcspix_simo shifted
SM5
td(CSnA-CLKFE)
Delay time, mcspix_csi active Modes 1
–4.4 + A(6)
–10.1 + A(6)
ns
to mcspix_clk first edge
and 3
Modes 0
–4.4 + B(7)
–10.1 + B(7)
ns
and 2
SM6
td(CLK-CSn)
Delay time, mcspix_clk last
Modes 1
B – 4.4(7)
B – 10.1(7)
ns
edge to mcspix_csi inactive
and 3
Modes 0
A(6) – 4.4
A(6) – 10.1
ns
and 2
SM7
td(CSnAE-SIMOV)
Delay time, mcspix_csi active Modes 0
11.3
23.6
ns
edge to mcspix_simo shifted
and 2
(6)
Case P = 20.8 ns, A = (TCS + 0.5)*P(5) (TCS is a bit field of MSPI_CHCONFx[26:25] register). Case P > 20.8 ns, A = TCS*P(5) (TCS is
a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of the OMAP35x Technical Reference
Manual (TRM) [literature number SPRUF98].
(7)
B = TCS*P (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of the OMAP35x
Technical Reference Manual (TRM) [literature number SPRUF98].
214
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com