Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 232 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 232 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 228Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 229Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 230Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 231Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 232Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 233Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 234Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 235Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 265 page
background image
1-WIRE
tLOWR
tRDV_ and_ tREL
tSLOT_ and_ tREC
030-100
1-WIRE
tRSTH
tPDL
tPDH
tRTSL
030-099
HDQ
Break
0_(LSB )
1
6
7_(MSB )
tRSPS
0_(LSB )
1
6
Command _byte _written
Data _byte _received
030-098
HDQ
tDW1
tDW 0
tCYCD
030-097
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-57. HDQ Write Bit Timing (Command/Address or Data)
Figure 6-58. HDQ Communication Timing
6.6.6.2
1-Wire Protocol
Table 6-112 and Table 6-113 assume testing over the recommended operating conditions (see Figure 6-
59 through Figure 6-61).
Table 6-112. 1-Wire Timing Requirements
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
tPDH
Presence pulse delay high
68
μs
tPDL
Presence pulse delay low
68 – tPDH
tRDV + tREL
Read bit-zero time
102
Table 6-113. 1-Wire Switching Characteristics
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tRSTL
Reset time low
484
μs
tRSTH
Reset time high
484
tSLOT
Write bit cycle time
102
tLOW1
Write bit-one time
1.3
tLOW0
Write bit-zero time
101
tREC
Recovery time
134
tLOWR
Read bit strobe time
13
Figure 6-59. 1-Wire Break (Reset) Timing
Figure 6-60. 1-Wire Read Bit Timing (Data)
232
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com