Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 236 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 236 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 232Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 233Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 234Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 235Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 236Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 237Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 238Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 239Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-118. MMC/SD/SDIO Timing Requirements – SD Identification Mode(1) (2) (3) (continued)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
HSSD3/SD3
tsu(CMDV-CLKIH)
Setup time, mmc2_cmd valid before
1198.4
1198.4
ns
mmc2_clk rising clock edge
HSSD4/SD4
tsu(CLKIH-CMDIV)
Hold time, mmc2_cmd valid after
1249.2
1249.2
ns
mmc2_clk rising clock edge
MMC/SD/SDIO Interface 3
HSSD3/SD3
tsu(CMDV-CLKIH)
Setup time, mmc3_cmd valid before
1198.4
1198.4
ns
mmc3_clk rising clock edge
HSSD4/SD4
tsu(CLKIH-CMDIV)
Hold time, mmc3_cmd valid after
1249.2
1249.2
ns
mmc3_clk rising clock edge
Table 6-119. MMC/SD/SDIO Switching Characteristics – SD Identification Mode(1)
NO.
PARAMETER
1.15 V
1.0 V
UNIT
MIN
MAX
MIN
MAX
SD Identification Mode
1 /
1/tc(clk)
Frequency(2), mmcx_ clk (3)
0.4
0.4
MHz
(HSSD1/SD1
)
HSSD2/SD2
tW(clkH)
Typical pulse duration, output clk high
X(4)*PO(5)
X(4)*PO(5)
ns
HSSD2/SD2
tW(clkL)
Typical pulse duration, output clk low
Y(6)*PO(5)
Y(6)*PO(5)
ns
tdc(clk)
Duty cycle error, output clk
125
125
ns
tj(clk)
Jitter standard deviation(7), output clk
200
200
ps
MMC/SD/SDIO Interface 1 (1.8 V IO)
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
HSSD5/SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
6.3
2492.7
6.3
2492.7
ns
mmc1_cmd transition
MMC/SD/SDIO Interface 1 (3.0 V IO)
tc(clk)
Rise time, output clk
10
0
ns
tW(clkH)
Fall time, output clk
10
0
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
HSSD5/SD5
td(CLKOH-CMD)
Delay time, mmc1_clk rising clock edge to
6.3
2492.7
6.3
2492.7
ns
mmc1_cmd transition
MMC/SD/SDIO Interface 2
tc(clk)
Rise time, output clk
10
10
ns
tW(clkH)
Fall time, output clk
10
10
ns
tW(clkL)
Rise time, output data
10
10
ns
tdc(clk)
Fall time, output data
10
10
ns
HSSD5/SD5
td(CLKOH-CMD)
Delay time, mmc2_clk rising clock edge to
6.3
2492.7
6.3
2492.7
ns
mmc2_cmd transition
MMC/SD/SDIO Interface 3
tc(clk)
Rise time, output clk
10
10
ns
(1)
Corresponding figures showing timing parameters are common with other interface modes (see SD and HS SD modes).
(2)
Related with the output clk maximum and minimum frequencies programmable in I/F module.
(3)
In mmcx_clk, 'x' is equal to 1, 2, or 3.
(4)
The X parameter is defined as shown in Table 6-120.
(5)
PO = output clk period in ns.
(6)
The Y parameter is defined as shown in Table 6-121.
(7)
The jitter probability density can be approximated by a Gaussian function.
236
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com