Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 134 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 130Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 131Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 132Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 133Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 134Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 135Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 136Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 137Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 265 page
background image
OMAP
PowerIC
sys_32k
sys_altclk
sys_clkout1
AlternateClockSourceSelectable(54,48MHzorother[up
to59MHz])
ToQuartz (Oscillatoroutput)orUnconnected
ToQuartz (Oscillatorinput)orSquareClock
ClockRequest.ToSquareClockSourceorfromPeripherals
Oscillator
isUsed
Oscillator
isBypassed
Unconnected
Square
Clock
Source
ToPeripherals (FromOSC_CLK:12,13,16.8,19.2,26,or
38.4MHz,core_clk[DPLL,upto332MHz],DPLL-96MHz
orDPLL-54MHzoutputswithadividerof1,2,4,8,or16)
GPin
ToPeripherals (FromOSC_CLK:12,13,16.8,19.2,26,or
38.4MHz)
sys_clkout2
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
030-007
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
4
CLOCK SPECIFICATIONS
The OMAP3530/25 device has three external input clocks, a low frequency (sys_32k), a high frequency
(sys_xtalin), and an optional (sys_altclk). The OMAP3530/25 device has two configurable output clocks,
sys_clkout1 and sys_clkout2.
Figure 4-1 shows the interface to the external clock sources and clock outputs.
Figure 4-1. Clock Interface
The OMAP3530/25 device operation requires the following three input clocks:
The 32-kHz frequency is used for low frequency operation. It supplies the wake-up domain for
operation in lowest power mode (off mode). This clock is provided through the sys_32k pin.
The system alternative clock can be used (through the sys_altclk pin) to provide alternative 48 or 54
MHz or other clock source (up to 59 MHz).
The system clock input (12, 13, 16.8, 19.2, 26, or 38.4 MHz) is used to generate the main source clock
of the OMAP3530/25 device. It supplies the DPLLs as well as several OMAP modules. The system
clock input can be connected to either:
A crystal oscillator clock managed by sys_xtalin and sys_xtalout. In this case, the sys_clkreq is
used as an input (GPIN).
A CMOS digital clock through the sys_xtalin pin. In this case, the sys_clkreq is used as an output to
request the external system clock.
The OMAP3530/25 outputs externally two clocks:
sys_clkout1 can output the oscillator clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz) at any time. It can be
controlled by software or externally using sys_clkreq control. When the device is in the off state, the
sys_clkreq can be asserted to enable the oscillator and activate the sys_clkout1 without waking up the
device. The off state polarity of sys_clkout1 is programmable.
134
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com