Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 136 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 136 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 132Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 133Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 134Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 135Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 136Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 137Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 138Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 139Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 140Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 265 page
background image
ESR=R
m
1+
C
0
C
L
2
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
linear operating region; thus oscillation begins when power is applied.
(4) Cf1 and Cf2 represent the total capacitance of the PCB and components excluding the power IC and crystal. Their values in fact depend
on the crystal datasheet. In the datasheet of the crystal, the frequency is specified at a specific load capacitor value which is the
equivalent capacitor of the two capacitors Cf1 and Cf2 connected to sys_xtalin and sys_xtalout. The frequency of the oscillations
depends on the value of the capacitors (10 pF corresponds to a load capacitor of 5 pF for the crystal).
The crystal must be in the fundamental mode of operation and parallel resonant. Table 4-2 summarizes
the required electrical constraints.
Table 4-2. Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency(1)
12, 13, 16.8, or 19.2
MHz
CL
Load capacitance for crystal parallel resonance
5
20
pF
ESR12&13
Crystal ESR (12 and 13 MHz)(1)
80
ESR16.8&19.2
Crystal ESR (16.8 and 19.2 MHz)(2)
50
Co
Crystal shunt capacitance
1
7
pF
Lm
Crystal motional inductance for fp = 12 MHz
35
mH
Cm
Crystal motional capacitance
5
100
fF
DL
Crystal drive level
0.5
mW
Rbias
Internal bias resistor
30
120
300
k
(1)
Measured with the load capacitance specified by the crystal manufacturer. This load is defined by the foot capacitances tied in series. If
CL = 20 pF, then both foot capacitors will be Cf1 = Cf2 = 40 pF. Parasitic capacitance from package and board must also be taken in
account.
(2)
Measured with the load capacitance specified by the crystal manufacturer. This load is defined by the foot capacitances tied in series. If
CL = 20 pF, then both foot capacitors will be Cf1 = Cf2 = 40 pF. Parasitic capacitance from package and board must also be taken in
account.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system. Table 4-3
details the switching characteristics of the oscillator and the input requirements of the 12-, 13-, 16.8-, or
19.2-MHz input clock.
Table 4-3. Base Oscillator Switching Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
12, 13, 16.8, or 19.2
MHz
tsX
Start-up time(1) (2)
8
ms
(1)
Start-up time defined as time interval between oscillator control signal release and sys_xtalin amplitude at 50% of its final value (vdd and
vdds supplies ramped and stable). The start-up time can be performed in function of the crystal characteristics. 8-ms minimum only
when using the internal oscillator; it is programmable after reset for wake-up. At power-on reset, the time is adjustable using the pin
itself. The reset must be released when the oscillator or clock source is stable. Before the processor boots up and the oscillator is set to
bypass mode, there is a start-up time when the internal oscillator is in application mode and receives a square wave. The start-up time
in this case is about 100
μs.
(2)
For fp = 12 or 13 MHz: CL = 13.5 pF and Lm = 35 mH
For fp = 16.8 or 19.2 MHz: CL = 9 pF and Lm = 15 mH
4.1.3
Clock Squarer Input Description
A 1.8-V CMOS clock squarer is another source that can supply a 12-, 13-, 16.8-, 19.2-, 26-, or 38.4-MHz
clock to the OMAP3530/25. An analog clock squarer function converts a low-amplitude sinusoidal clock
into a low-jitter digital signal. It can be connected to input pin sys_xtalin (sys_xtalout unconnected).
Figure 4-3 illustrates the effective connections.
136
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com