Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9602CS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9602CS
Description  DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602CS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9602CS Datasheet HTML 1Page - Richtek Technology Corporation RT9602CS Datasheet HTML 2Page - Richtek Technology Corporation RT9602CS Datasheet HTML 3Page - Richtek Technology Corporation RT9602CS Datasheet HTML 4Page - Richtek Technology Corporation RT9602CS Datasheet HTML 5Page - Richtek Technology Corporation RT9602CS Datasheet HTML 6Page - Richtek Technology Corporation RT9602CS Datasheet HTML 7Page - Richtek Technology Corporation RT9602CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9602
Preliminary
www.richtek-ic.com.tw
DS9602-00 January 2002
4
Absolute Maximum Ratings
Supply Voltage (VCC)
15V
Supply Voltage (PVCC)
VCC + 0.3V
BOOT Voltage (VBOOT-VPHASE)
15V
Input Voltage (VPWM)
GND–0.3V to 7V
UGATE
VPHASE-0.3V to VBOOT+0.3V
LGATE
GND-0.3V to VPVCC+0.3V
Package Thermal Resistance
SOP-14,
θJA
160
°C /W
Ambient Temperature
0
°C ~ 70°C
Junction Temperature
0
°C ~ 125°C
Storage Temperature Range
-40
°C ~ 150°C
Lead Temperature (Soldering, 10 sec.)
260
°C
ESD Level
HBM
2KV
MM
200V
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Bias Supply Current
IVCC
fPWM = 250KHz, VPVCC = 12V,
Cboot = 0.1
µF, Rphase = 20Ω
--
3
--
mA
Power Supply Current
IPVCC
fPWM = 250kHz, VPVCC = 12V,
Cboot = 0.1
µF, Rphase = 20Ω
--
8
--
mA
Power-On Reset
VCC Rising Threshold
9.1
9.6
10
V
VCC Falling Threshold
7.5
8.1
8.5
V
PWM Input
Maximum Input Current
VPWM = 0 or 5V
--
200
--
µA
PWM Floating Voltage
Vcc=12V
--
1.9
--
V
PWM Rising Threshold
--
3.7
--
V
PWM Falling Threshold
--
1.1
--
V
UGATE Rise Time
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
LGATE Rise Time
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
UGATE Fall Time
VPVCC = VVCC = 12V, 3nF load
--
40
--
ns
LGATE Fall Time
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
UGATE Turn-Off Propagation Delay
VVCC = VPVCC = 12V, 3nF load
--
60
--
ns
LGATE Turn-Off Propagation Delay
VVCC = VPVCC = 12V, 3nF load
--
45
--
ns
Shutdown Window
1.1
--
3.7
V
To be continued



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com