Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9602CS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9602CS
Description  DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602CS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9602CS Datasheet HTML 1Page - Richtek Technology Corporation RT9602CS Datasheet HTML 2Page - Richtek Technology Corporation RT9602CS Datasheet HTML 3Page - Richtek Technology Corporation RT9602CS Datasheet HTML 4Page - Richtek Technology Corporation RT9602CS Datasheet HTML 5Page - Richtek Technology Corporation RT9602CS Datasheet HTML 6Page - Richtek Technology Corporation RT9602CS Datasheet HTML 7Page - Richtek Technology Corporation RT9602CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
RT9602
DS9602-00 January 2002
www.richtek-ic.com.tw
3
Function Block Diagram
Shoot-through
Protection
Power-on OVP
Shoot-through
Protection
Shoot-through
Protection
Power-on OVP
Shoot-through
Protection
Control
Logic
PVCC
BOOT1
UGATE1
PHASE1
LGATE1
PGND
VCC
BOOT2
UGATE2
PHASE2
LGATE2
PVCC
PGND
PGND
Internal
5V
19K
19K
PWM1
PWM2
GND
Internal
5V
19K
19K
PVCC
PVCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com