Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9602CS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9602CS
Description  DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602CS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9602CS Datasheet HTML 1Page - Richtek Technology Corporation RT9602CS Datasheet HTML 2Page - Richtek Technology Corporation RT9602CS Datasheet HTML 3Page - Richtek Technology Corporation RT9602CS Datasheet HTML 4Page - Richtek Technology Corporation RT9602CS Datasheet HTML 5Page - Richtek Technology Corporation RT9602CS Datasheet HTML 6Page - Richtek Technology Corporation RT9602CS Datasheet HTML 7Page - Richtek Technology Corporation RT9602CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
RT9602
DS9602-00 January 2002
www.richtek-ic.com.tw
1
Dual Channel Synchronous-Rectified Buck MOSFET Driver
General Description
The RT9602 is a, twin power channel MOSFET driver
specifically designed to drive four power N-Channel
MOSFETs in a synchronous-rectified buck converter
topology.
These
drivers
combined
with
a
RT9237/RT9241 series of Multi-Phase Buck PWM
controller provide a complete core voltage regulator
solution for advanced microprocessors.
The RT9602 can provide flexible gate driving for both
high side and low side drivers. This gives more
flexibility of MOSFET selection.
The output drivers in the RT9602 have the capability
to drive a 3000pF load with a 40ns propagation delay
and 80ns transition time. This device implements
bootstrapping on the upper gates with only a single
external capacitor required for each power channel.
This reduces implementation complexity and allows
the use of higher performance, cost effective, N-
Channel
MOSFETs.
Adaptive
shoot-through
protection is integrated to prevent both MOSFETs
from conducting simultaneously.
The RT9602 can detect high side MOSFET drain-to-
source electrical short at power on and pull the 12V
power by low side MOS and cause power supply to
go into over current shutdown to prevent damage of
CPU.
Ordering Information
RT9602
Features
Drives Four N-Channel MOSFETs
Adaptive Shoot-Through Protection
Internal Bootstrap Devices
Small 14-Lead SOIC Package
5V to 12V Gate-Drive Voltages for Optimal
Efficiency
Tri-State Input for Bridge Shutdown
Supply Under-Voltage Protection
Power ON Over-Voltage Protection
Applications
Core Voltage Supplies for Intel Pentium
 4 and
AMD
 Athlon
TM Microprocessors
High Frequency Low Profile DC-DC Converters
High Current Low Voltage DC-DC Converters
Pin Configurations
Part Number
Pin Configurations
RT9602CS
(Plastic SOP-14)
TOP VIEW
Operating temperature range
C: Commercial standard
Package type
S : SOP-14
1
2
3
4
5
6
7
PWM1
PWM2
GND
LGATE1
PVCC
PGND
LGATE2
VCC
PHASE1
UGATE1
BOOT1
BOOT2
UGATE2
PHASE2
14
13
12
11
10
9
8


Similar Part No. - RT9602CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602GS RICHTEK-RT9602GS Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602PS RICHTEK-RT9602PS Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results

Similar Description - RT9602CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com