Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9602CS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9602CS
Description  DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9602CS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9602CS Datasheet HTML 1Page - Richtek Technology Corporation RT9602CS Datasheet HTML 2Page - Richtek Technology Corporation RT9602CS Datasheet HTML 3Page - Richtek Technology Corporation RT9602CS Datasheet HTML 4Page - Richtek Technology Corporation RT9602CS Datasheet HTML 5Page - Richtek Technology Corporation RT9602CS Datasheet HTML 6Page - Richtek Technology Corporation RT9602CS Datasheet HTML 7Page - Richtek Technology Corporation RT9602CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
RT9602
DS9602-00 January 2002
www.richtek-ic.com.tw
5
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output
Upper Drive Source
RUGATE VVCC = 12V, VPVCC = 12V
--
1.5
--
Ω
Upper Drive Sink
RUGATE VVCC = 12V, VPVCC = 12V
--
1.45
2
Ω
Lower Drive Source
RLGATE VVCC = 12V, VPVCC = 12V
--
1.6
--
Ω
Lower Drive Sink
RLGATE VVCC = VPVCC = 12V
--
0.75
1
Ω
Operation Descriptions
The RT9602 has power on protection function which
held UGATE and LGATE low before VCC up across
the rising threshold voltage. After the initialization, the
PWM signal takes the control. The rising PWM signal
first forces the LGATE signal turns low then UGATE
signal is allowed to go high just after a non-
overlapping time to avoid shoot-through current. The
falling of PWM signal first forces UGATE to go low.
When
UGATE
and
PHASE
signal
reach
a
predetermined low level, LGATE signal is allowed to
turn high. The non-overlapping function is also
presented between UGATE and LGATE signal
transient.
The PWM signal is recognized as high if above rising
threshold and as low if below falling threshold. Any
signal level in this window is considered as tri-state,
which causes turn-off of both high side and low-side
MOSFET. When PWM input is floating (not
connected), internal divider will pull the PWM to 1.9V
to give the controller a recognizable level. The
maximum sink/source capability of internal PWM
reference is 60
µA.
The PVCC pin provides flexibility of both high side
and low side MOSFET gate drive voltages. If 8V, for
example, is applied to PVCC, then high side
MOSFET gate drive is 8V-1.5V(approximately,
internal diode plus series resistance voltage drop).
The low side gate drive voltage is exactly 8V.
The RT9602 implements a power on over-voltage
protection function. If the PHASE voltage exceeds
1.5V at power on, the LGATE would be turn on to pull
the PHASE low until the PHASE voltage goes below
1.5V. Such function can protect the CPU from
damage by some short condition happened before
power on, which is sometimes encountered in the
M/B manufacturing line.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com