Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet (PDF) - Richtek Technology Corporation

RT9607 Datasheet PDF - Richtek Technology Corporation
Part # RT9607
Download  RT9607 Download
File Size   331.68 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Channel Synchronous-Rectified Buck MOSFET Driver

RT9607 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9607 Datasheet PDF - Richtek Technology Corporation

Part # RT9607
Download  RT9607 Click to download

File Size   331.68 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual Channel Synchronous-Rectified Buck MOSFET Driver

RT9607 Datasheet (HTML) - Richtek Technology Corporation


RT9607 Product details

General Description

The RT9607/A is a dual power channel MOSFET driver

specifically designed to drive four power N-MOSFETs in a

synchronous-rectified buck converter topology. These

drivers combined with RichTek’s series of Multi-Phase

Buck PWM controllers provide a complete core voltage

regulator solution for advanced microprocessors.

The RT9607/A canprovide flexible gate driving for both

high side and low side drivers. This gives more flexibility

of MOSFET selection.



Features

Drives Four N-MOSFETs

Adaptive Shoot-Through Protection

Propagation Delay 40ns

Support High Switching Frequency

Fast Output Rise Time

5V to 12V Gate-Drive Voltages for Optimal Efficiency

Tri-State Input for Bridge Shutdown

Supply Under-Voltage Protection

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Core Voltage Supplies for motherboard/desktop PC microprocessor core power

High Frequency Low Profile DC-DC Converters

High Current Low Voltage DC-DC Converters




Similar Part No. - RT9607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9600 ETC-RT9600 Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
RT9600CS ETC-RT9600CS Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
RT9602 RICHTEK-RT9602 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results


Similar Description - RT9607

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com