Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9607 Datasheet HTML 1Page - Richtek Technology Corporation RT9607 Datasheet HTML 2Page - Richtek Technology Corporation RT9607 Datasheet HTML 3Page - Richtek Technology Corporation RT9607 Datasheet HTML 4Page - Richtek Technology Corporation RT9607 Datasheet HTML 5Page - Richtek Technology Corporation RT9607 Datasheet HTML 6Page - Richtek Technology Corporation RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT9607/A
3
DS9607/A-07 April 2011
www.richtek.com
Functional Pin Description
Pin No.
RT9607/A□S
RT9607/A□QV
Pin Name
Pin Function
1
15
PWM1
Channel 1 PWM Input.
2
16
PWM2
Channel 2 PWM Input.
3
1
GND
Ground Pin.
4
2
LGATE1
Lower Gate Drive of Channel 1.
5
5
PVCC
Upper and Lower Gate Driver Power Rail.
6
4
PGND
Lower Gate Driver Ground Pin.
7
6
LGATE2
Lower Gate Drive of Channel 2.
8
7
PHASE2
Connect this pin to phase point of Channel 2.
Phase point is the connection point of high side MOSFET source
9
9
UGATE2
Upper Gate Drive of Channel 2.
10
10
BOOT2
Floating Bootstrap Supply Pin of Channel 2.
11
11
BOOT1
Floating Bootstrap Supply Pin of Channel 1.
12
12
UGATE1
Upper Gate Drive of Channel 1.
13
13
PHASE1
Connect this pin to phase point of Channel 1.
Phase point is the connection point of high side MOSFET source
14
14
VCC
Control Logic Power Supply.
--
3, 8
NC
No Connection.
--
Exposed Pad (17) GND
The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
Timing Diagram
PWM
UGATE
LGATE
t
pdhUGATE
t
pdlLGATE
t
pdlUGATE
t
pdhLGATE
90%
90%
2V
2V
2V
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com