Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation RT9607 Datasheet HTML 10Page - Richtek Technology Corporation RT9607 Datasheet HTML 11Page - Richtek Technology Corporation RT9607 Datasheet HTML 12Page - Richtek Technology Corporation RT9607 Datasheet HTML 13Page - Richtek Technology Corporation RT9607 Datasheet HTML 14Page - Richtek Technology Corporation RT9607 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT9607/A
12
DS9607/A-07 April 2011
www.richtek.com
According to the design of RT9607/A, before driving the
gate of the high side MOSFET up to 12V (or 5V), the low
side MOSFET has to be off; and the high side MOSFET
is turned off before the low side is turned on. From Figure
1, the body diode
"D
2" had been turned on before high
side MOSFETs turned on
Before the low side MOSFET is turned on, the Cgd2 have
been charged to Vi. Thus, as Cgd2 reverses its polarity
and g2 is charged up to 12V, the required current is
It is helpful to calculate these currents in a typical case.
Assume a synchronous rectified BUCK converter, input
voltage Vi = 12V, Vg1 = Vg2 = 12V. The high side MOSFET
is PHB83N03LT whose Ciss = 1660pF, Crss = 380pF,and tr
= 14nS. The low side MOSFET is PHB95N03LT whose
Ciss = 2200pF, Crss = 500pF, and tr = 30nS, from the
equation (1) and (2) we can obtain
the total current required from the gate driving source is
Ig1 = Igs + Igd1 = (1.428 + 0.326) = 1.745A
(9)
Ig2 = Igs2 + Igd2 = (0.88 + 0.4) = 1.28A
(10)
By a similar calculation, we can also get the sink current
required from the turned off MOSFET.
Layout Consider
Figure 2. shows the schematic circuit of a two-phase
synchronous-buck converter to implement the
RT9607/A. The converter operates for the input rang from
5V to 12V.
When layout the PC board, it should be very careful. The
power-circuit section is the most critical one. If not
configured properly, it will generate a large amount of EMI.
The junction of Q1, Q2, L2 and Q3, Q4, L4 should be very
close. The connection from Q1, and Q3 drain to positive
sides of C1, C2, C3, and C4; the connection from Q2, and
Q4 source to the negative sides of C1, C2, C3, and C4
should be as short as possible.
Next, the trace from Ugate1, Ugate2, Lgate1, and Lgate2
should also be short to decrease the noise of the driver
output signals. Phase1 and phase2 signals from the
junction of the power MOSFET, carrying the large gate
drive current pulses, should be as heavy as the gate drive
trace. The bypass capacitor C7 should be connected to
PGND directly. Furthermore, the bootstrap capacitors (Cb1,
Cb2) should always be placed as close to the pins of the
IC as possible.
Select the Bootstrap Capacitor
Figure 3. shows part of the bootstrap circuit of RT9607/A.
The VCB (the voltage difference between BOOT1 and
PHASE1 on RT9607/A) provides a voltage to the gate of
the high side power MOSFET. This supply needs to be
ensured that the MOSFET can be driven. For this, the
capacitance CB has to be selected properly. It is
In Figure 1, the current Ig1 and Ig2 are required to move the
gate up to 12V.The operation consists of charging Cgd
and Cgs. Cgs1 and Cgs2 are the capacitances from gate to
source of the high side and the low side power MOSFETs,
respectively. In general data sheets, the Cgs is referred as
“C
iss” which is the input capacitance. Cgd1 and Cgd2 are
the capacitances from gate to drain of the high side and
the low side power MOSFETs, respectively and referred
to the data sheets as "Crss," the reverse transfer
capacitance. For example, tr1 and tr2 are the rising time of
the high side and the low side power MOSFETs
respectively, the required current Igs1 and Igs2, are showed
below
r2
gs2
g2
gs2
gs2
r1
gs1
g1
gs1
gs1
t
12
x
C
dt
dV
C
I
t
12
x
C
dt
dV
C
I
=
=
=
=
(1)
(2)
0.88A
12
x
10
x
2200
I
1.428A
12
x
10
x
1660
I
9
-
10
x
30
12
-
gs2
9
-
10
x
14
-12
gs1
=
=
=
=
(6)
(5)
r2
i
gd2
gd2
gd2
t
12V
V
C
dt
dV
C
I
+
=
=
(4)
r1
gd1
g1
gd1
t
12V
C
dt
dV
C
I
=
=
(3)
0.4A
10
x
30
12)
(12
x
10
x
500
I
0.326A
10
x
14
12
x
10
x
380
I
9
-
12
-
gs2
9
-
-12
gs1
=
+
=
=
=
(8)
(7)
from equation. (3) and (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com