Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9607 Datasheet HTML 1Page - Richtek Technology Corporation RT9607 Datasheet HTML 2Page - Richtek Technology Corporation RT9607 Datasheet HTML 3Page - Richtek Technology Corporation RT9607 Datasheet HTML 4Page - Richtek Technology Corporation RT9607 Datasheet HTML 5Page - Richtek Technology Corporation RT9607 Datasheet HTML 6Page - Richtek Technology Corporation RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9607/A
2
DS9607/A-07 April 2011
www.richtek.com
Typical Application Circuit
Pin Configurations
(TOP VIEW)
PWM1
PWM2
GND
LGATE1
PVCC
PGND
LGATE2
PHASE2
UGATE2
BOOT2
BOOT1
UGATE1
PHASE1
VCC
2
3
4
11
12
13
14
5
6
7
8
9
10
SOP-14
VQFN-16L 3x3
BOOT1
UGATE1
PHASE1
LGATE1
VCC
PVCC
PWM1
PWM2
RT9607/A
11
14
5
1
2
4
13
12
UGATE2
PHASE2
LGATE2
BOOT2
GND
PGND
Optional
12V
12V
7
8
9
Optional
V
CORE
3
6
10
From Controller
PWM1
From Controller
PWM2
GND
UGATE1
UGATE2
BOOT2
BOOT1
PGND
NC
LGATE1
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
GND
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com