Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation RT9607 Datasheet HTML 10Page - Richtek Technology Corporation RT9607 Datasheet HTML 11Page - Richtek Technology Corporation RT9607 Datasheet HTML 12Page - Richtek Technology Corporation RT9607 Datasheet HTML 13Page - Richtek Technology Corporation RT9607 Datasheet HTML 14Page - Richtek Technology Corporation RT9607 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT9607/A
11
DS9607/A-07 April 2011
www.richtek.com
Application Information
The RT9607/A has power on protection function which held
UGATE and LGATE low before VCC up cross the rising
threshold voltage. After the initialization, the PWM signal
takes the control. The rising PWM signal first forces the
LGATE signal turns low then UGATE signal is allowed to
go high just after a non-overlapping time to avoid shoot-
through current. The falling of PWM signal first forces
UGATE to go low. When UGATE and PHASE signal reach
a predetermined low level, LGATE signal is allowed to
turn high. The non-overlapping function is also presented
between UGATE and LGATE signal transient.
The PWM signal is recognized as high if above rising
threshold and as low if below falling threshold. Any signal
level in this window is considered as tri-state, which causes
turn-off of both high side and low-side MOSFET. When
PWM input is floating (not connected), internal divider
will pull the PWM to 1.9V to give the controller a
recognizable level. The maximum sink/source capability
of internal PWM reference is 60
μA.
The PVCC pin provides flexibility of both high side and
low side MOSFET gate drive voltages. If 8V, for example,
is applied to PVCC, then high side MOSFET gate drive is
8V to 1.5V (approximately, internal diode plus series
resistance voltage drop). The low side gate drive voltage
is exactly 8V.
The RT9607/A implements a power on over-voltage
protection function. If the PHASE voltage exceeds 1.5V
at power on, the LGATE would be turn on to pull the
PHASE low until the PHASE voltage goes below 1.5V.
Such function can protect the CPU from damage by some
short condition happened before power on, which is
sometimes encountered in the M/B manufacturing line.
Non-overlap Control
To prevent the overlap of the gate drives during the UGATE
turn low and the LGATE turn high, the non-overlap circuit
monitors the voltages at the PHASE node and high side
gate drive (UGATE-PHASE). When the PWM input signal
goes low, UGATE begins to turn low (after propagation
delay). Before LGATE can turn high, the non-overlap
protection circuit ensures that the monitored voltages have
gone below 1.2V. Once the monitored voltages fall below
1.2V, LGATE begins to turn high. For short pulse condtion,
if the PHASE pin had not gone high after LGATE turns
low, the LGATE has to wait for 200ns before turn high
only under short pulse (t
ON
<60ns) condition. By waiting
for the voltages of the PHASE pin and high side gate drive
to fall below 1.2V, the non-overlap protection circuit
ensures that UGATE is low before LGATE turns high. Also
to prevent the overlap of the gate drives during LGATE
turn low and UGATE turn high, the non-overlap circuit
monitors the LGATE voltage. When LGATE go below 1.2V,
UGATE is allowed to go high.
Driving power MOSFETs
The DC input impedance of the power MOSFET is
extremely high. When Vgs at 12V (or 5V), the gate draws
the current only few nanoamperes. Thus once the gate
has been driven up to
“ON”ON level, the current could be
negligible.
However, the capacitance at the gate to source terminal
should be considered. It requires relatively large currents
to drive the gate up and down 12V (or 5V) rapidly. It also
required to switch drain current on and off with the required
speed. The required gate drive currents are calculated as
follows.
Figure1. The gate driver must supply Igs to Cgs and Igd to
Cgd
V
O
GND
L
d2
s2
C
gs2
g2
I
g2
I
gd2
I
gs2
C
gd2
C
gs1
C
gd1
I
gd1
I
gs1
I
g1
D1
s1
d1
D1
g1
Vi
+12V
+12V
t
t
Vg2
Vg1
Vphase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com