Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9607 Datasheet HTML 1Page - Richtek Technology Corporation RT9607 Datasheet HTML 2Page - Richtek Technology Corporation RT9607 Datasheet HTML 3Page - Richtek Technology Corporation RT9607 Datasheet HTML 4Page - Richtek Technology Corporation RT9607 Datasheet HTML 5Page - Richtek Technology Corporation RT9607 Datasheet HTML 6Page - Richtek Technology Corporation RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
RT9607/A
5
DS9607/A-07 April 2011
www.richtek.com
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Bias Supply Current
IVCC
fPWM = 250kHz, VPVCC = 12V,
CBOOT = 0.1μF, RPHASE = 20Ω
--
5.5
8.0
mA
Power Supply Current
IPVCC
fPWM = 250kHz, VPVCC = 12V,
CBOOT = 0.1μF, RPHASE = 20Ω
--
5.5
10.0
mA
Power-On Reset
VCC Rising Threshold
--
8.0
--
V
Hysteresis
--
1.0
--
V
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC ------------------------------------------------------------------------------------- 12V
±10%
Junction Temperature Range --------------------------------------------------------------------------- 0
°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------- 0
°C to 70°C
(Recommended Operating Conditions, TA = 25
°C unless otherwise specified)
To be continued
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VCC ------------------------------------------------------------------------------------- 15V
Supply Voltage, PVCC ----------------------------------------------------------------------------------- VCC + 0.3V
BOOT Voltage, VBOOT-VPHASE ------------------------------------------------------------------------- 15V
Input Voltage, VPWM -------------------------------------------------------------------------------------- GND - 0.3V to 7V
PHASE to GND
DC ------------------------------------------------------------------------------------------------------------
−5V to 15V
< 200ns -----------------------------------------------------------------------------------------------------
−10V to 30V
BOOT to GND
DC ------------------------------------------------------------------------------------------------------------
−0.3V to VCC + 15V
< 200ns -----------------------------------------------------------------------------------------------------
−0.3V to 42V
UGATE ------------------------------------------------------------------------------------------------------ VPHASE - 0.3V to VBOOT + 0.3V
LGATE ------------------------------------------------------------------------------------------------------ GND - 0.3V to VPVCC + 0.3V
< 200ns -----------------------------------------------------------------------------------------------------
−2V to VCC + 0.3V
Power Dissipation, PD @ TA = 25
°C
VQFN
−16L 3x3 -------------------------------------------------------------------------------------------- 1.471W
SOP-14 ----------------------------------------------------------------------------------------------------- 0.909W
Package Thermal Resistance (Note 2)
VQFN
−16L 3x3, θJA -------------------------------------------------------------------------------------- 68°C/W
SOP-14,
θJA ----------------------------------------------------------------------------------------------- 110°C /W
Storage Temperature Range ---------------------------------------------------------------------------
−40°C to 150°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------- 260
°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ----------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com