Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9607 Datasheet HTML 1Page - Richtek Technology Corporation RT9607 Datasheet HTML 2Page - Richtek Technology Corporation RT9607 Datasheet HTML 3Page - Richtek Technology Corporation RT9607 Datasheet HTML 4Page - Richtek Technology Corporation RT9607 Datasheet HTML 5Page - Richtek Technology Corporation RT9607 Datasheet HTML 6Page - Richtek Technology Corporation RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT9607/A
1
DS9607/A-07 April 2011
www.richtek.com
Dual Channel Synchronous-Rectified Buck MOSFET Driver
Ordering Information
General Description
The RT9607/A is a dual power channel MOSFET driver
specifically designed to drive four power N-MOSFETs in a
synchronous-rectified buck converter topology. These
drivers combined with RichTek
’ s series of Multi-Phase
Buck PWM controllers provide a complete core voltage
regulator solution for advanced microprocessors.
The RT9607/A can provide flexible gate driving for both
high side and low side drivers. This gives more flexibility
of MOSFET selection.
The output drivers of the part are capble to driver a 3nF
load in 30/40ns rising/falling time with fast propagation
delay from input transition to the gate of the power
MOSFET. This device implements bootstrapping on the
upper gates with only a single external capacitor required
for each power channel. This reduces implementation
complexity and allows the use of higher performance, cost
effective, N-MOSFETs. Adaptive shoot-through protect-ion
is integrated to prevent both MOSFETs from conducting
simultaneously.
The RT9607/A can detect high side MOSFET drain-to-
source electrical short at power on and pull the 12V power
by low side MOS and cause power supply to go into over
current shutdown to prevent damage of CPU.
RT9607 has longer UGATE/LGATE dead time which can
drive the MOSFETs with large gate RC value, avoiding
the shoot-through phenomenon. RT9607A is targeted to
drive small gate RC value MOSFETs and performs better
efficiency.
Features
Drives Four N-MOSFETs
Adaptive Shoot-Through Protection
Propagation Delay 40ns
Support High Switching Frequency
Fast Output Rise Time
5V to 12V Gate-Drive Voltages for Optimal Efficiency
Tri-State Input for Bridge Shutdown
Supply Under-Voltage Protection
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Core Voltage Supplies for motherboard/desktop PC
microprocessor core power
High Frequency Low Profile DC-DC Converters
High Current Low Voltage DC-DC Converters
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
RT9607/A
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Package Type
QV : VQFN-16L 3x3 (V-Type)
S : SOP-14
Short Dead Time
Long Dead Time


Similar Part No. - RT9607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9600 ETC-RT9600 Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
RT9600CS ETC-RT9600CS Datasheet
154Kb / 6P
SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVERS
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
RT9602 RICHTEK-RT9602 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9602CS RICHTEK-RT9602CS Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
More results

Similar Description - RT9607

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602 RENESAS-HIP6602 Datasheet
516Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com