Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9607 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9607
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9607 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9607 Datasheet HTML 2Page - Richtek Technology Corporation RT9607 Datasheet HTML 3Page - Richtek Technology Corporation RT9607 Datasheet HTML 4Page - Richtek Technology Corporation RT9607 Datasheet HTML 5Page - Richtek Technology Corporation RT9607 Datasheet HTML 6Page - Richtek Technology Corporation RT9607 Datasheet HTML 7Page - Richtek Technology Corporation RT9607 Datasheet HTML 8Page - Richtek Technology Corporation RT9607 Datasheet HTML 9Page - Richtek Technology Corporation RT9607 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
RT9607/A
6
DS9607/A-07 April 2011
www.richtek.com
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (2S2P,4-layers)
of JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
PWM Input
Maximum Input Current
VPWM = 0 or 5V
--
500
--
μA
PWM Floating Voltage
V
cc = 12V
--
2.5
--
V
PWM Rising Threshold
3.3
3.7
4.3
V
PWM Falling Threshold
1.0
1.26
1.5
V
Output
UGATE Rise Time
trUGATE
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
UGATE Fall Time
tfUGATE
VPVCC = VVCC = 12V, 3nF load
--
40
--
ns
LGATE Rise Time
trLGATE
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
LGATE Fall Time
tfLGATE
VPVCC = VVCC = 12V, 3nF load
--
30
--
ns
RT9607
--
75
--
RT9607A
tpdhUGATE
--
25
--
tpdlUGATE
VBOOT = VPHASE = 12V
See Timing Diagram
--
40
--
tpdhLGATE
--
20
--
Propagation Delay
RT9607/A
tpdlLGATE
See Timing Diagram
--
35
--
ns
Shutdown Window
1.0
--
4.3
V
UGATE Drive Source
RUGATEsr VBOOT – VPHASE = 12V
--
1.8
--
Ω
UGATE Drive Sink
RUGATEsk VBOOT – VPHASE = 12V
--
1.7
--
Ω
LGATE Drive Source
RLGATEsr VCC = 12V
--
1.5
--
Ω
LGATE Drive Sink
RLGATEsk VCC = 12V
--
1.4
--
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com