Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCPA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7660SCPA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCPA Datasheet(HTML) 4 Page - Microchip Technology

  TC7660SCPA Datasheet HTML 1Page - Microchip Technology TC7660SCPA Datasheet HTML 2Page - Microchip Technology TC7660SCPA Datasheet HTML 3Page - Microchip Technology TC7660SCPA Datasheet HTML 4Page - Microchip Technology TC7660SCPA Datasheet HTML 5Page - Microchip Technology TC7660SCPA Datasheet HTML 6Page - Microchip Technology TC7660SCPA Datasheet HTML 7Page - Microchip Technology TC7660SCPA Datasheet HTML 8Page - Microchip Technology TC7660SCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TC7660S
DS20001467C-page 4
 2001-2015 Microchip Technology Inc.
Voltage Conversion
Efficiency
VOUTEFF
99
99.9
—
%
RL = 
Oscillator Impedance
ZOSC
—1
—
M
V+ = 2V
—100
—
k
V+ = 5V
TEMPERATURE SPECIFICATIONS
Electrical Characteristics:
Unless otherwise noted, specifications measured over operating temperature range with
V+ = 5V, COSC = 0, refer to test circuit in Figure 4-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
0—
+70
°C
C suffix
TA
-40
—
+85
°C
E suffix
TA
-40
—
+125
°C
V suffix
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8LD PDIP
JA
—89.3
—
°C/W
Thermal Resistance, 8LD SOIC
JA
—148.5
—
°C/W
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
Unless otherwise noted, specifications measured over operating temperature range with
V+ = 5V, COSC = 0, refer to test circuit in Figure 4-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com