Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7660SCPA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCPA Datasheet(HTML) 5 Page - Microchip Technology

  TC7660SCPA Datasheet HTML 1Page - Microchip Technology TC7660SCPA Datasheet HTML 2Page - Microchip Technology TC7660SCPA Datasheet HTML 3Page - Microchip Technology TC7660SCPA Datasheet HTML 4Page - Microchip Technology TC7660SCPA Datasheet HTML 5Page - Microchip Technology TC7660SCPA Datasheet HTML 6Page - Microchip Technology TC7660SCPA Datasheet HTML 7Page - Microchip Technology TC7660SCPA Datasheet HTML 8Page - Microchip Technology TC7660SCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 5
TC7660S
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, C1 = C2 = 10 µF, ESRC1 = ESRC2 = 1 , TA = 25°C. See Figure 4-1.
FIGURE 2-1:
Unloaded Oscillator
Frequency vs. Temperature.
FIGURE 2-2:
Supply Current vs.
Temperature (with Boost Pin = VIN).
FIGURE 2-3:
Output Source Resistance
vs. Supply Voltage.
FIGURE 2-4:
Unloaded Oscillator
Frequency vs. Temperature with Boost Pin = VIN.
FIGURE 2-5:
Voltage Conversion.
FIGURE 2-6:
Output Source Resistance
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
12
10
0
2
4
6
8
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
1000
0
200
400
600
800
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
IOUT = 20mA
TA = 25°C
1.5
12
11.5
10.5
9.5
8.5
7.5
5.5 6.5
4.5
2.5 3.5
100
10
30
50
70
SUPPLY VOLTAGE (V)
IN
60
50
0
10
20
30
40
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Without Load
10K Load
101.0
100.5
100.0
99.5
99.0
98.5
98.0
112
11
10
9
8
7
56
4
23
INPUT VOLTAGE VIN (V)
TA = 25°C
100
0
20
40
60
80
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 2.5V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com