Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCPA Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7660SCPA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCPA Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7660SCPA Datasheet HTML 8Page - Microchip Technology TC7660SCPA Datasheet HTML 9Page - Microchip Technology TC7660SCPA Datasheet HTML 10Page - Microchip Technology TC7660SCPA Datasheet HTML 11Page - Microchip Technology TC7660SCPA Datasheet HTML 12Page - Microchip Technology TC7660SCPA Datasheet HTML 13Page - Microchip Technology TC7660SCPA Datasheet HTML 14Page - Microchip Technology TC7660SCPA Datasheet HTML 15Page - Microchip Technology TC7660SCPA Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TC7660S
DS20001467C-page 12
 2001-2015 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
TC7660SE
OA 1545
3
e
8-Lead SOIC (3.90 mm)
NNN
Example
256
8-Lead PDIP (300 mil)
Example
XXXXXXXX
XXXXXNNN
YYWW
Example
TC7660S
CPA 256
3
e
TC7660S
EPA 256
1545
1545
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com