Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660SCPA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7660SCPA Datasheet HTML 2Page - Microchip Technology TC7660SCPA Datasheet HTML 3Page - Microchip Technology TC7660SCPA Datasheet HTML 4Page - Microchip Technology TC7660SCPA Datasheet HTML 5Page - Microchip Technology TC7660SCPA Datasheet HTML 6Page - Microchip Technology TC7660SCPA Datasheet HTML 7Page - Microchip Technology TC7660SCPA Datasheet HTML 8Page - Microchip Technology TC7660SCPA Datasheet HTML 9Page - Microchip Technology TC7660SCPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TC7660S
DS20001467C-page 6
 2001-2015 Microchip Technology Inc.
Note:
Unless otherwise indicated, C1 = C2 = 10 µF, ESRC1 = ESRC2 = 1 , TA = 25°C. See Figure 4-1.
FIGURE 2-7:
Output Voltage vs. Output
Current.
FIGURE 2-8:
Supply Current vs.
Temperature.
FIGURE 2-9:
Supply Current vs.
Temperature.
FIGURE 2-10:
Power Conversion
Efficiency vs. Load.
FIGURE 2-11:
Supply Current vs.
Temperature.
0
-2
-4
-6
-8
-10
-12
OUTPUT CURRENT (mA)
0
100
90
80
70
60
40
50
30
10
20
200
150
125
175
100
75
50
25
0
TEMPERATURE (
°C)
-40
-20
0
20
40
100
60
80
VIN = 12.5V
VIN = 5.5V
200
150
125
175
100
75
50
25
0
TEMPERATURE (
°C)
-40
-20
0
20
40
100
60
80
VIN = 12.5V
VIN = 5.5V
LOAD CURRENT (mA)
Boost Pin = Open
Boost Pin = V+
0
10
20
30
40
50
60
70
80
90
100
200
150
125
175
100
75
50
25
0
TEMPERATURE (
°C)
-40
-20
0
20
40
100
60
80
VIN = 12.5V
VIN = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com