Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7660CPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 5 Page - Microchip Technology

  TC7660CPA Datasheet HTML 1Page - Microchip Technology TC7660CPA Datasheet HTML 2Page - Microchip Technology TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2002-2011 Microchip Technology Inc.
DS21465C-page 5
TC7660
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Charge Pump Capacitor (CAP+)
Positive connection for the charge pump capacitor, or
flying capacitor, used to transfer charge from the input
source to the output. In the voltage-inverting configura-
tion, the charge pump capacitor is charged to the input
voltage during the first half of the switching cycle. Dur-
ing the second half of the switching cycle, the charge
pump capacitor is inverted and charge is transferred to
the output capacitor and load.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output resistance.
3.2
Ground (GND)
Input and output zero volt reference.
3.3
Charge Pump Capacitor (CAP-)
Negative connection for the charge pump capacitor, or
flying capacitor, used to transfer charge from the input
to the output. Proper orientation is imperative when
using a polarized capacitor.
3.4
Output Voltage (VOUT)
Negative connection for the charge pump output
capacitor. In the voltage-inverting configuration, the
charge pump output capacitor supplies the output load
during the first half of the switching cycle. During the
second half of the switching cycle, charge is restored to
the charge pump output capacitor.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output ripple.
3.5
Low Voltage Pin (LV)
The low voltage pin ensures proper operation of the
internal oscillator for input voltages below 3.5V. The low
voltage pin should be connected to ground (GND) for
input voltages below 3.5V. Otherwise, the low voltage
pin should be allowed to float.
3.6
Oscillator Control Input (OSC)
The oscillator control input can be utilized to slow down
or speed up the operation of the TC7660. Refer to
Section 5.4 “Changing the TC7660 Oscillator Fre-
quency”, for details on altering the oscillator
frequency.
3.7
Power Supply (V+)
Positive power supply input voltage connection. It is
recommended that a low ESR (equivalent series resis-
tance) capacitor be used to bypass the power supply
input to ground (GND).
Pin No.
Symbol
Description
1
NC
No connection
2CAP+
Charge pump capacitor positive terminal
3
GND
Ground terminal
4CAP-
Charge pump capacitor negative terminal
5VOUT
Output voltage
6
LV
Low voltage pin. Connect to GND for V+ < 3.5V
7
OSC
Oscillator control input. Bypass with an external capacitor to slow the oscillator
8V+
Power supply positive voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com