Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7660CPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology TC7660CPA Datasheet HTML 10Page - Microchip Technology TC7660CPA Datasheet HTML 11Page - Microchip Technology TC7660CPA Datasheet HTML 12Page - Microchip Technology TC7660CPA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2002-2011 Microchip Technology Inc.
DS21465C-page 9
TC7660
FIGURE 5-7:
Combined Negative
Converter
and Positive Multiplier.
5.7
Efficient Positive Voltage
Multiplication/Conversion
Since the switches that allow the charge pumping
operation are bidirectional, the charge transfer can be
performed
backwards
as
easily
as
forwards.
Figure 5-8 shows a TC7660 transforming -5V to +5V
(or +5V to +10V, etc.). The only problem here is that the
internal clock and switch-drive section will not operate
until some positive voltage has been generated. An ini-
tial inefficient pump, as shown in Figure 5-7, could be
used to start this circuit up, after which it will bypass the
other (D1 and D2 in Figure 5-7 would never turn on), or
else the diode and resistor shown dotted in Figure 5-8
can be used to “force” the internal regulator on.
FIGURE 5-8:
Positive Voltage
Conversion.
+
C1
D1
+
+
C3
C4
C2
D2
+
VOUT =
1
2
3
4
8
7
6
5
TC7660
V+
(2 V+) - (2 VF)
VOUT
= -V+
VOUT = -V-
+
1M
V- input
+
1
2
3
4
8
7
6
5
TC7660
10 µF
10 µF
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com