Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660CPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7660CPA Datasheet HTML 2Page - Microchip Technology TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology TC7660CPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC7660
DS21465C-page 6
 2002-2011 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Theory of Operation
The TC7660 charge pump converter inverts the voltage
applied to the V+ pin. The conversion consists of a two-
phase operation (Figure 4-1). During the first phase,
switches S2 and S4 are open and switches S1 and S3
are closed. C1 charges to the voltage applied to the V+
pin, with the load current being supplied from C2. Dur-
ing the second phase, switches S2 and S4 are closed
and switches S1 and S3 are open. Charge is trans-
ferred from C1 to C2, with the load current being
supplied from C1.
FIGURE 4-1:
Ideal Switched Capacitor
Inverter.
In this manner, the TC7660 performs a voltage inver-
sion, but does not provide regulation. The average out-
put voltage will drop in a linear manner with respect to
load current. The equivalent circuit of the charge pump
inverter can be modeled as an ideal voltage source in
series with a resistor, as shown in Figure 4-2.
FIGURE 4-2:
Switched Capacitor Inverter
Equivalent Circuit Model.
The value of the series resistor (ROUT) is a function of
the switching frequency, capacitance and equivalent
series resistance (ESR) of C1 and C2 and the on-resis-
tance of switches S1, S2, S3 and S4. A close
approximation for ROUT is given in the following
equation:
EQUATION
4.2
Switched Capacitor Inverter
Power Losses
The overall power loss of a switched capacitor inverter
is affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. These losses will
vary with input voltage, temperature and
oscillator frequency.
2.
Conduction losses in the non-ideal switches.
3.
Losses due to the non-ideal nature of the
external capacitors.
4.
Losses that occur during charge transfer from
C1 to C2 when a voltage difference between the
capacitors exists.
Figure 4-3 depicts the non-ideal elements associated
with the switched capacitor inverter power loss.
FIGURE 4-3:
Non-Ideal Switched
Capacitor Inverter.
The power loss is calculated using the following
equation:
EQUATION
V+
GND S
3
S1
S2
S4
C2
VOUT = -VIN
C1
+
+
-
+
ROUT
VOUT
V+
ROUT
1
fPUMP C1
----------------------------- 8RSW 4ESRC1 ESRC2
++
+
=
RSW
on-resistance of the switches
=
ESRC1
equivalent series resistance of C1
=
ESRC2
equivalent series resistance of C2
=
fPUMP
fOSC
2
-----------
=
Where:
LOAD
C1
C2
RSW
S1
IDD
ESRC1
V+
+
-
RSW
S2
RSW
S3
RSW
S4
ESRC2
IOUT
++
PLOSS
IOUT
2
ROUT
IDD V
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com