Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7660CPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology TC7660CPA Datasheet HTML 10Page - Microchip Technology TC7660CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002-2011 Microchip Technology Inc.
DS21465C-page 7
TC7660
5.0
APPLICATIONS INFORMATION
5.1
Simple Negative Voltage
Converter
Figure 5-1 shows typical connections to provide a
negative supply where a positive supply is available. A
similar scheme may be employed for supply voltages
anywhere in the operating range of +1.5V to +10V,
keeping in mind that pin 6 (LV) is tied to the supply
negative (GND) only for supply voltages below 3.5V.
FIGURE 5-1:
Simple Negative Converter.
The output characteristics of the circuit in Figure 5-1
are those of a nearly ideal voltage source in series with
a 70
resistor. Thus, for a load current of -10 mA and
a supply voltage of +5V, the output voltage would be
-4.3V.
5.2
Paralleling Devices
To reduce the value of ROUT, multiple TC7660 voltage
converters can be connected in parallel (Figure 5-2).
The output resistance will be reduced by approximately
a factor of n, where n is the number of devices
connected in parallel.
EQUATION
While each device requires its own pump capacitor
(C1), all devices may share one reservoir capacitor
(C2). To preserve ripple performance, the value of C2
should be scaled according to the number of devices
connected in parallel.
5.3
Cascading Devices
A larger negative multiplication of the initial supply volt-
age can be obtained by cascading multiple TC7660
devices. The output voltage and the output resistance
will both increase by approximately a factor of n, where
n is the number of devices cascaded.
EQUATION
FIGURE 5-2:
Paralleling Devices Lowers Output Impedance.
FIGURE 5-3:
Increased Output Voltage By Cascading Devices.
+
V+
+
1
2
3
4
8
7
6
5
TC7660
VOUT*
C1
10 µF
* VOUT = -V
+ for 1.5V  V+  10V
C2
10 µF
ROUT
ROUT of TC7660

n number of devices

---------------------------------------------------------
=
VOUT
n
–
V
+

=
ROUT
nR
OUT of TC7660

=
“n”
“1”
RL
+
V+
+
1
2
3
4
8
7
6
5
TC7660
C1
C2
+
1
2
3
4
8
7
6
5
TC7660
C1
V
OUT *
“1”
+
V+
+
1
2
3
4
8
7
6
5
TC7660
10 µF
* VOUT = -n V+ for 1.5V  V+  10V
“n”
+
1
2
3
4
8
7
6
5
TC7660
10 µF
10 µF
+
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com