Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-02-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP7157ACPZ-02-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-02-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP7157ACPZ-02-R7 Datasheet HTML 3Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 4Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 5Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 6Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 7Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 8Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 9Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 10Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 6 of 23
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
4
BYP
5
EN
2
VOUT
3
VOUT_SENSE
7 REF
6 REF_SENSE
9
8
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES
THERMAL PERFORMANCE, AND IT IS ELECTRICALLY
CONNECTED TO GROUND INSIDE THE PACKAGE.
CONNECT THE EP TO THE GROUND PLANE ON THE
BOARD TO ENSURE PROPER OPERATION.
1
VOUT
10
VIN
VREG
VIN
ADP7157
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead LFCSP Pin Configuration
VOUT 1
VOUT_SENSE 2
BYP 3
EN 4
VIN
8
VREG
7
REF
6
REF_SENSE
5
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES
THERMAL PERFORMANCE, AND IT IS ELECTRICALLY
CONNECTED TO GROUND INSIDE THE PACKAGE.
CONNECT THE EP TO THE GROUND PLANE ON THE
BOARD TO ENSURE PROPER OPERATION.
ADP7157
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
SOIC
1, 2
1
VOUT
Regulated Output Voltage. Bypass VOUT to ground with a 10 μF or greater capacitor.
3
2
VOUT_SENSE
Output Sense. VOUT_SENSE is internally connected to VOUT with a 10 Ω resistor. Connect VOUT_SENSE
as close to the load as possible.
4
3
BYP
Low Noise Bypass Capacitor. Connect a 1 μF or greater capacitor from the BYP pin to ground to
reduce noise. Do not connect a load to this pin.
5
4
EN
Enable. Drive EN high to turn on the regulator, and drive EN low to turn off the regulator. For
automatic startup, connect EN to VIN.
6
5
REF_SENSE
Reference Sense. This pin sets the output voltage with an external resistor divider.
VOUT = VREF × (R1 + R2)/R2, where VREF = 1.2 V. Connect REF_SENSE to the REF pin. Do not connect
REF_SENSE to VOUT or ground.
7
6
REF
Low Noise Reference Voltage Output. Bypass REF to ground with a 1 μF or greater capacitor. Short
REF_SENSE to REF for fixed output voltages. Do not connect a load to this pin.
8
7
VREG
Regulated Input Supply Voltage to the LDO Amplifier. Bypass VREG to ground with a 1 μF or greater
capacitor.
9, 10
8
VIN
Regulator Input Supply Voltage. Bypass VIN to ground with a 10 μF or greater capacitor.
EP
Exposed Pad. The exposed pad is located on the bottom of the package. The exposed pad enhances
thermal performance, and it is electrically connected to ground inside the package. Connect the
exposed pad to the ground plane on the board to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com