Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-02-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP7157ACPZ-02-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-02-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP7157ACPZ-02-R7 Datasheet HTML 13Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 17Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 18Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 19Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 20Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 16 of 23
PROGRAMMABLE PRECISION ENABLE
The ADP7157 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. As shown in Figure 49, when a
rising voltage on EN crosses the upper threshold, nominally 1.22 V,
VOUT turns on. When a falling voltage on EN crosses the lower
threshold, nominally 1.13 V, VOUT turns off. The hysteresis of
the EN threshold is approximately 90 mV.
The ADP7157 includes the discharge resistor on each VOUT,
VREG, VREF, and BYP pin. These resistors are turned on when
the device is disabled, helping to quickly discharge the associated
capacitor.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.00
1.05
1.10
1.15
1.20
1.25
1.30
EN PIN VOLTAGE (V)
–40°C
–5°C
+25°C
+85°C
+125°C
Figure 49. Typical VOUT Response to EN Pin Operation
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–2
–1
0
1
2
3
4
5
6
7
8
TIME (ms)
EN
VOUT
Figure 50. Typical VOUT Response to EN Pin Operation (VEN),
VOUT = 3.3 V, VIN = 5 V, CBYP = 1 µF
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
RISING
FALLING
Figure 51. Typical EN Threshold vs. Input Voltages (VIN) for Different
Temperatures
The upper and lower thresholds are user programmable and can be
set higher than the nominal 1.22 V threshold by using two resistors.
The resistance values, REN1 and REN2, can be determined from
REN1 = REN2 × (VEN − 1.22 V)/1.22 V
where:
REN2 typically ranges from 10 kΩ to 100 kΩ.
VEN is the desired turn-on voltage.
The hysteresis voltage increases by the factor
(REN1 + REN2)/REN2
For the example shown in Figure 52, the EN threshold is 2.44 V
with a hysteresis of 200 mV.
EN
BYP
VREG
ADP7157
REF_SENSE
VIN
VOUT
VOUT_SENSE
COUT
10µF
VOUT = 3.3V
REF
GND
CIN
10µF
CREG
1µF
CBYP
1µF
CREF
1µF
R1
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
R2
VIN = 3.8V
REN2
100kΩ
REN1
100kΩ
ON
OFF
Figure 52. Typical EN Pin Voltage Divider
Figure 52 shows the typical hysteresis of the EN pin. This
hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as it passes through the threshold points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com