Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-02-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7157ACPZ-02-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-02-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7157ACPZ-02-R7 Datasheet HTML 7Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 8Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 9Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 10Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 11Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 12Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 13Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 10 of 23
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.5
0.6
0.7
0.8
0.9
HEADROOM (V)
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 23. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage
at Various Frequencies, VOUT = 3.3 V, 1.2 A Load
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
Figure 24. Power Supply Rejection Ratio (PSRR) vs. Frequency
at Various Loads, VOUT = 1.2 V
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1.4V
1.3V
1.2V
1.1V
1.0V
Figure 25. Power Supply Rejection Ratio (PSRR) vs. Frequency
at Various Headroom Voltages, VOUT = 1.2 V, 1.2 A Load
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1.0
1.1
1.2
1.3
1.4
HEADROOM (V)
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 26. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage
at Various Frequencies, VOUT = 1.2 V, 1.2 A Load
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1µF
10µF
100µF
1000µF
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Frequency
at Different CBYP Values, VOUT = 3.3 V, VIN = 4.0 V, 1.2 A Load
0
0.5
1.0
1.5
2.0
2.5
10m
100m
1
10
LOAD CURRENT (A)
10Hz TO 100kHz
100Hz TO 100kHz
Figure 28. RMS Output Noise vs. Load Current (ILOAD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com