Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-02-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP7157ACPZ-02-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-02-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP7157ACPZ-02-R7 Datasheet HTML 10Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 11Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 12Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 13Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 17Page - Analog Devices ADP7157ACPZ-02-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 13 of 23
THEORY OF OPERATION
The ADP7157 is an ultralow noise, high PSRR linear regulator
targeting radio frequency (RF) applications. The input voltage
range is 2.3 V to 5.5 V, and the device delivers up to a 1.2 A load
current. The typical shut-down current consumption is 0.2 μA
at room temperature.
Optimized for use with 10 μF ceramic capacitors, the ADP7157
provides excellent transient performance.
VREG
GND
VOUT
VIN
EN
REF
REF_SENSE
REFERENCE
SHUTDOWN
CURRENT-LIMIT,
THERMAL
PROTECT
BYP
VOUT_SENSE
INTERNAL
REGULATOR
OTA
Figure 41. Simplified Internal Block Diagram
Internally, the ADP7157 consists of a reference, an error amplifier,
and a P-channel MOSFET pass transistor. The output current is
delivered via the PMOS pass device, which is controlled by the
error amplifier. The error amplifier compares the reference voltage
with the feedback voltage from the output and amplifies the
difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device pulls lower, allowing more
current to pass and increasing the output voltage. If the feedback
voltage is higher than the reference voltage, the gate of the
PMOS device pulls higher, allowing less current to pass and
decreasing the output voltage.
By heavily filtering the reference voltage, the ADP7157 achieves
1.7 nV/√Hz output typical from 10 kHz to 1 MHz. Because the
error amplifier is always in unity gain, the output noise is
independent of the output voltage.
The ADP7157 output voltage can be adjusted between 1.2 V and
3.3 V and is available in four models that optimize the input voltage
and output voltage ranges to keep power dissipation as low as
possible without compromising PSRR performance. The output
voltage is determined by an external voltage divider according
to the following equation:
VOUT = 1.2 V × (1 + R1/R2)
EN
BYP
VREG
ADP7157
REF_SENSE
VIN
VOUT
VOUT_SENSE
COUT
10µF
VOUT = 3.3V
REF
GND
CIN
10µF
CREG
1µF
CBYP
1µF
CREF
1µF
R1
VOUT = 1.2V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
R2
VIN = 3.8V
ON
OFF
Figure 42. Typical Adjustable Output Voltage Application Schematic
The R2 value must be greater than 1 kΩ to prevent excessive
loading of the reference voltage appearing on the REF pin. To
minimize errors in the output voltage caused by the REF_
SENSE pin input current, the R2 value must be less than 200 kΩ.
For example, when R1 and R2 each equal 100 kΩ, the output
voltage is 2.4 V. The output voltage error introduced by the
REF_SENSE pin input current is 10 mV or 0.33%, assuming a
maximum REF_SENSE pin input current of 100 nA at TA = 125°C.
The ADP7157 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. When EN is high, VOUT
turns on, and when EN is low, VOUT turns off. For automatic
startup, tie EN to VIN.
VREG
VIN
REF
VOUT
VOUT_SENSE
REF_SENSE
BYP
GND
EN
7V
7V
4V
4V
4V
4V
4V
4V
4V
4V
7V
4V
4V
Figure 43. Simplified ESD Protection Block Diagram
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 43).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com