Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7406 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
FEDL7406-02
ML7406
13/104
●DC characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
VIH1
Digital Input pin
VDDIO × 0.75
−
VDDIO
V
Voltage Input High
VIH2
XIN pin
1.35
−
1.5
V
VIL1
Digital Input pin
0
−
VDDIO × 0.18
V
Voltage Input Low
VIL2
XIN pin
0
−
0.15
V
RESETN pin
SDI, SCLK, SCEN pins
SchmitTriggerThreshold
High Level
VT+
EXT_CLK pin
−
1.2
VDDIO × 0.75
V
RESETN pin
SDI, SCLK, SCEN pins
SchmitTriggerThreshold
Low Level
VT-
EXT_CLK pin
VDDIO × 0.18
0.8
−
V
IIH1
Digital input pins
-1
−
1
µA
IIH2
XIN pin
-0.3
−
0.3
µA
IIL1
Digital input pins
-1
−
1
µA
Input Leakage Current
IIL2
XIN pin
-0.3
−
0.3
µA
IOZH
Digital input pins
-1
−
1
µA
Tri-state output current
leakage
IOZL
Digital input pins
-1
−
1
µA
Voltage Output level H
VOH
IOH=-4mA
VDDIO × 0.8
−
VDDIO
V
Voltage Output level L
VOL
IOL=4mA
0
−
0.3
V
REGMAIN
REG_CORE pin, REG_OUT pin,
applicable to all states except SLEEP
state
1.4
1.5
1.6
V
Regulator Output
voltage
REGSUB
REG_CORE pin
Sleep state
0.95
1.3
1.65
V
CIN
Input pins
−
6
−
pF
COUT
Output pins
−
9
−
pF
CRFIO
RF inout pins
−
9
−
pF
Pin capacitance
CAI
Analog input pins
−
9
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com