Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7406 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
FEDL7406-02
ML7406
19/104
■Functional Description
●Host Interface
○Serial Peripheral Interface (SPI)
ML7406 has a SPI, which supports slave mode. Host MCU can read/write to the ML7406 registers and on-chip FIFO using
MCU clock. Single access mode and burst access mode are also supported.
[Single access mode timing chart]
In write operation, data will be stored into internal register at rising edge of clock which is capturing D0 dat. During write
operation, if setting SCEN line to “H”, the data will not be stored into register. For more details of SCEN invert perios, please
refer to the “SPI interface characteristics”. After the internal clock is stabilized, the data will be written into the register in
synchronization with the internal clcok.
SCEN
SDI
SCLK
Write data field
Address field
W
SCEN
SDI
SCLK
Address field
R
SDO
Data read field
[Write]
[Read]
A
6
A
0
A
6
A
0
D
7
D
0
D
7
D
0
(Register write timing)
Before clock stable
After clock stable
D7-0
D7-0
“1”
“0”
Up to 0.45 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com