Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7406 Datasheet(PDF) 39 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 39 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
FEDL7406-02
ML7406
39/104
○FIFO control function
ML7406 has on-chip TX_FIFO(64Byte) and RX_FIFO(64Byte). As TX/RX_FIFO do not support multiple packets, packet
should be processed one by one. If RX_FIFO keeps RX packet and next RX packet is received, RX_FIFO will be overwritten. It
applies to TX_FIFO as well. However TX FIFO access error interrupt (INT[20] group3) will be generated. When receiving, RX
data is stored in FIFO (byte by byte) and the host MCU will read RX data through SPI. When transmitting, host MCU write TX
data to TX_FIFO through SPI and transmitting through RF.
Writing or reading to FIFO is through SPI with burst access. TX data is written to [WR_TX_FIFO: B0 0x7C] register. RX
data is read from [RD_FIFO: B0 0x7F] register. Continuous access increments internal FIFO counter automatically. If FIFO
access is suspended during write or read operation, address will be kept until the packet will be process again. Therefore, when
resuming FIFO access, next data will be resumed from the suspended address.
FIFO control register are as follows:
Function
Register
TX FIFO Full level setting
[TXFIFO_THRH: B0 0x17]
TX FIFO Empty level setting
[TXFIFO_THRL: B0 0x18]
RX FIFO Full level setting
[RXFIFO_THRH: B0 0x19]
RX FIFO Empty level setting
[RXFIFO_THRL: B0 0x1A]
FIFO readout setting
[FIFO_SET: B0 0x78]
RX FIFO data usafe status indication
[RX_FIFO_LAST: B0 0x79]
TX packet Length setting
[TX_PKT_LEN_H/L: B0 0x7A/7B]
RX packet Length setting
[RX_PKT_LEN_H/L: B0 0x7D/7E]
TX FIFO
[WR_TX_FIFO: B0 0x7C]
FIFO read
[RD_FIFO: B0 0x7F]
TX – RX procedure using FIFO are as follows:
[TX]
i)
TX data L-field value is set to [TX_PKT_LEN_H: B0 0x7A], [TX_PKT_LEN_L: B0 0x7B] register. If Length is 1
byte, [TX_PKT_LEN_L] register will be transmitted.
Length can be set to LENGTH_MODE([PKT_CTRL2: B0 0x05(0)]).
ii)
TX data is written to [WR_TX_FIFO:B0 0x7C] register.
(Note)
1.
If TX_FIFO write sequence is aborted during transmission, STATE_CLR0 [STATE_CLR:B0 0x16(0)] (TX FIFO
pointer clear) must be issued. Otherwise data pointer is kept in the LSI and the next packet is not processed properly.
For example, TX FIFO access error interrupt (INT[20] group3) is generated. This interrupt can be generated when the
next packet data is writren to the TX_FIFO before transmitting previous packet data or TX_FIFO overrun (FIFO is
written when no TX_FIFO space) or underrun (attempt to transmit when TX_FIFO is empty)
2.
Depending on the packet format, TX data Length value is different.
Format A: Length includs data area excluding L-field and CRC data.
Format B: Length includes data area excluding L-field.
Format C: Length includes data area excluding L-field.
[RX]
i)
L-field (Length) is read from [RX_PKT_LEN_H: B0 0x7D], [RX_PKT_LEN_L: B0 0x7E] registers.
ii) Reading RX data from RX_FIFO. When reading from RX_FIFO, set FIFO_R_SEL([FIFO_SET: B0 0x78(0)])= 0b0.
If FIFO_R_SEL=0b1 , TX_FIFO will be selected. Data usage value of RX_FIFO is indicated by [RX_FIFO_LAST: B0
0x79] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com