Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7406 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7406 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
FEDL7406-02
ML7406
21/104
●LSI state transition control
○LSI state transition instruction
State can be controlled from MCU by setting registers below.
State transition command
Instruction
TX_ON
SET_TRX ([RF_STATUS: B0 0x0B(3-0)]) = 0b1001
RX_ON
SET_TRX ([RF_STATUS: B0 0x0B(3-0)]) = 0b0110
TRX_OFF
SET_TRX ([RF_STATUS: B0 0x0B(3-0)]) = 0b1000
Force_TRX_OFF
SET_TRX ([RF_STATUS: B0 0x0B(3-0)]) = 0b0011
SLEEP
SLEEP_EN([SLEEP/WU_SET: B0 0x2D(0)]) = 0b1
VCO_CAL
VCO_CA_LSTART([VCO_CAL_START: B0 0x6F(0)])= 0b1
State can be changed without command from MCU. If one of the following condition is met, state is changed automatically
according to the following table. In order to enable these functions, the following registers must be programmed.
Function
Control bit name
Automatic TXON after FIFO write completion (AUTO_TX)
AUTO_TX_EN([RF_STATUS_CTRL: B0 0x0A(4)])
Automatic TXON during FIFO wrtie (FAST_TX)
FAST_TX_EN([RF_STATUS_CTRL: B0 0x0A(5)])
RF state setting after packet transmission completion
TXDONE_MODE([RF_STATUS_CTRL: B0 0x0A(1-0)])
RF state setting after packet reception completion
RXDONE_MODE([RF_STATUS_CTRL: B0 0x0A(3-2)])
Automatic RX_ON/TX_ON by Wake-up time
WAKEUP_MODE([SLEEP/WU_SET:B0 0x2D(6)])
WAKEUP_EN([SLEEP/WU_SET:B0 0x2D(4)])
Automatic VCO calibration after exit from SLEEP
AUTO_VCOCAL_EN([VCO_CAL_START: B0 0x6F(4)])
Automatic SLEEP by Timer
WU_DURATION_EN([SLEEP/WU_SET: B0 0x2D(5)])
Automatic SLEEP by high speed carrier checking mode
FAST_DET_MODE_EN([CCA_CTRL:B0 0x39(3)])
Force_TRX_OFF after PLL unlock detection during TX
PLL_LD_EN([PLL_LOCK_DETECT: B1 0x0B(7)])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com