Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400D Datasheet(PDF) 41 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 41 Page - Micronas

Back Button MSP3400D Datasheet HTML 37Page - Micronas MSP3400D Datasheet HTML 38Page - Micronas MSP3400D Datasheet HTML 39Page - Micronas MSP3400D Datasheet HTML 40Page - Micronas MSP3400D Datasheet HTML 41Page - Micronas MSP3400D Datasheet HTML 42Page - Micronas MSP3400D Datasheet HTML 43Page - Micronas MSP3400D Datasheet HTML 44Page - Micronas MSP3400D Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
41
7.3.2. Balance – Loudspeaker and
Headphone Channel
Positive balance settings reduce the left channel with-
out affecting the right channel; negative settings
reduce the right channel leaving the left channel unaf-
fected. In linear mode, a step by 1 LSB decreases or
increases the balance by about 0.8 % (exact figure:
100/127). In logarithmic mode, a step by 1 LSB
decreases or increases the balance by 1 dB.
7.3.3. Bass – Loudspeaker and
Headphone Channel
Balance Mode
Loudspeaker
0001hex
[3..0]
Balance Mode
Headphone
0030hex
[3..0]
linear
0000
0hex
RESET
logarithmic
0001
1hex
Linear Mode
Balance Loudspeaker
Channel [L/R]
0001hex
H
Balance Headphone
Channel [L/R]
0030hex
H
Left muted, Right 100 %
0111 1111
7Fhex
Left 0.8 %, Right 100 %
0111 1110
7Ehex
Left 99.2 %, Right 100 %
0000 0001
01hex
Left 100 %, Right 100 %
0000 0000
00hex
RESET
Left 100 %, Right 99.2 %
1111 1111
FFhex
Left 100 %, Right 0.8 %
1000 0010
82hex
Left 100 %, Right muted
1000 0001
81hex
Logarithmic Mode
Balance Loudspeaker
Channel [L/R]
0001hex
H
Balance Headphone
Channel [L/R]
0030hex
H
Left
−127 dB, Right 0 dB 0111 1111
7Fhex
Left
−126 dB, Right 0 dB 0111 1110
7Ehex
Left
−1 dB, Right 0 dB
0000 0001
01hex
Left 0 dB, Right 0 dB
0000 0000
00hex
RESET
Left 0 dB, Right
−1 dB
1111 1111
FFhex
Left 0 dB, Right
−127 dB 1000 0001
81hex
Left 0 dB, Right
−128 dB 1000 0000
80hex
Bass Loudspeaker
0002hex
H
Bass Headphone
0031hex
H
+20 dB
0111 1111
7Fhex
+18 dB
0111 1000
78hex
+16 dB
0111 0000
70hex
+14 dB
0110 1000
68hex
+12 dB
0110 0000
60hex
+11 dB
0101 1000
58hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
−1/8 dB
1111 1111
FFhex
−1 dB
1111 1000
F8hex
−11 dB
1010 1000
A8hex
−12 dB
1010 0000
A0hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com