Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400D Datasheet(PDF) 72 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 72 Page - Micronas

Back Button MSP3400D Datasheet HTML 68Page - Micronas MSP3400D Datasheet HTML 69Page - Micronas MSP3400D Datasheet HTML 70Page - Micronas MSP3400D Datasheet HTML 71Page - Micronas MSP3400D Datasheet HTML 72Page - Micronas MSP3400D Datasheet HTML 73Page - Micronas MSP3400D Datasheet HTML 74Page - Micronas MSP3400D Datasheet HTML 75Page - Micronas MSP3400D Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
72
Micronas
tI2S3
I2S-Data Setup Time
before Rising Edge of Clock
I2S_CL,
I2S_DA_OUT
200
ns
CL = 30 pF
tI2S4
I2S-Data Hold Time
after Falling Edge of Clock
180
ns
CL = 30 pF
tI2S5
I2S-Word Strobe Setup Time
before Rising Edge of Clock
I2S_CL,
I2S_WS
200
ns
CL = 30 pF
tI2S6
I2S-Word Strobe Hold Time
after Falling Edge of Clock
180
ns
CL = 30 pF
Analog Ground
VAGNDC0
AGNDC Open Circuit Voltage
MSP 34x0D version A1 to B4
MSP 34x0D version C5 and later
AGNDC
3.63
3.67
3.73
3.77
3.83
3.87
V
V
Rload ≥10 MΩ
RoutAGN
AGNDC Output Resistance
70
125
180
k
Ω
3 V
≤ V
AGNDC ≤ 4 V
Analog Input Resistance
RinSC
SCART Input Resistance
from TA = 0 to 70 °C
SCn_IN_s1)
25
40
58
k
Ω
fsignal = 1 kHz, I = 0.05 mA
RinMONO
MONO Input Resistance
from TA = 0 to 70 °C
MONO_IN
1524
35k
Ω
fsignal = 1 kHz, I = 0.1 mA
Audio Analog-to-Digital-Converter
VAICL
Effective Analog Input Clipping
Level for Analog-to-Digital-
Conversion
SCn_IN_s,1)
MONO_IN
2.00
2.25
VRMS
fsignal = 1 kHz
SCART Outputs
RoutSC
SCART Output Resistance
at Tj = 27 °C
from TA = 0 to 70 °C
SCn_OUT_s1)
200
200
330
460
500
Ω
Ω
fsignal = 1 kHz, I = 0.1 mA
dVOUTSC
Deviation of DC-Level at SCART
Output from AGNDC Voltage
−70
+70
mV
ASCtoSC
Gain from Analog Input
to SCART Output
SCn_IN_s1)
MONO_IN
→
SCn_OUT_s1)
−1.0
+0.5
dB
fsignal = 1 kHz
frSCtoSC
Frequency Response from Analog
Input to SCART Output
bandwidth: 0 to 20000 Hz
−0.5
+0.5
dB
with respect to 1 kHz
VoutSC
Effective Signal Level at
SCART-Output during full-scale
digital input signal from DSP
SCn_OUT_s1)
1.8
1.9
2.0
VRMS
fsignal = 1 kHz
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com