Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400D Datasheet(PDF) 28 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 28 Page - Micronas

Back Button MSP3400D Datasheet HTML 24Page - Micronas MSP3400D Datasheet HTML 25Page - Micronas MSP3400D Datasheet HTML 26Page - Micronas MSP3400D Datasheet HTML 27Page - Micronas MSP3400D Datasheet HTML 28Page - Micronas MSP3400D Datasheet HTML 29Page - Micronas MSP3400D Datasheet HTML 30Page - Micronas MSP3400D Datasheet HTML 31Page - Micronas MSP3400D Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
28
Micronas
6.5.3. FIR Parameter
The following data values (see Table 6–10) are to be
transferred 8 bits at a time embedded LSB-bound in
a 16-bit word.
The loading sequences must be obeyed. To change a
coefficient set, the complete block FIR1 or FIR2 must
be transmitted.
Note: For compatibility with MSP 3410B, IMREG1 and
IMREG2 have to be transmitted. The value for
IMREG1 and IMREG2 is 004. Due to the partitioning to
8-bit units, the values 04hex, 40hex, and 00hex arise.
Table 6–9: Channel modes ‘MODE_REG [6, 8, 9]’
NICAM
Bit[6]
FM AM
Bit[8]
HDEV
Bit[9]
MSP Ch1
MSP Ch2
100NICAM
FM1
110NICAM
AM
000FM2
FM1
001
−:−
High-Deviation FM
Table 6–10: Loading sequence for FIR coefficients
FIR1
0001hex (MSP Ch1: NICAM/FM2)
No.
Symbol Name
Bits
Value
1
NICAM/FM2_Coeff. (5)
8
see Table 6–11
2
NICAM/FM2_Coeff. (4)
8
3
NICAM/FM2_Coeff. (3)
8
4
NICAM/FM2_Coeff. (2)
8
5
NICAM/FM2_Coeff. (1)
8
6
NICAM/FM2_Coeff. (0)
8
FIR2
0005hex (MSP Ch2: FM1/AM )
No.
Symbol Name
Bits
Value
1IMREG1
8
04hex
2
IMREG1 / IMREG2
8
40hex
3IMREG2
8
00hex
4
FM/AM_Coef (5)
8
see Table 6–11
5
FM/AM_Coef (4)
8
6
FM/AM_Coef (3)
8
7
FM/AM_Coef (2)
8
8
FM/AM_Coef (1)
8
9
FM/AM_Coef (0)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com