Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400D Datasheet(PDF) 49 Page - Micronas

Part # MSP3400D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400D Datasheet(HTML) 49 Page - Micronas

Back Button MSP3400D Datasheet HTML 45Page - Micronas MSP3400D Datasheet HTML 46Page - Micronas MSP3400D Datasheet HTML 47Page - Micronas MSP3400D Datasheet HTML 48Page - Micronas MSP3400D Datasheet HTML 49Page - Micronas MSP3400D Datasheet HTML 50Page - Micronas MSP3400D Datasheet HTML 51Page - Micronas MSP3400D Datasheet HTML 52Page - Micronas MSP3400D Datasheet HTML 53Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
49
The absolute value of the incoming signal is fed into a
filter with 16 ms attack time and selectable decay time.
The decay time must be adjusted as shown in the
table above. This attack/decay filter block works simi-
lar to a peak hold function. The volume correction
value with its quasi continuous step width is calculated
using the attack/decay filter output.
The Automatic Volume Correction functions with an
internal reference level of
−18 dBr. This means that
input signals with a volume level of
−18 dBr will not be
affected by the AVC. If the input signals vary in a range
of
−24 dB to 0 dB, the AVC maintains a fixed output
level of
−18 dBr.
Fig. 7–1 shows the AVC output level versus its input
level. For prescale and volume registers set to 0 dB, a
level of 0 dBr corresponds to full scale input / output.
This is
– SCART in-, output 0 dBr
= 2.0 V
rms
– Loudspeaker and Aux output 0 dBr
= 1.4 V
rms
Fig. 7–1: Simplified AVC characteristics
To reset the internal variables, the AVC should be
switched off and on during any channel or source
change. For standard applications, the recommended
decay time is 4 sec.
Note: AVC should not be used in any Dolby Pro Logic
mode, except PANORAMA, where no other than the
loudspeaker output is active.
7.3.24. Subwoofer Channel
The subwoofer channel is created by combining the left
and right channels directly behind the tone control filter
block. A third order low-pass filter with programmable
corner frequency and volume adjustment according to
the main channel output is performed to the bass sig-
nal. Additionally, at the loudspeaker channels, a com-
plementary high-pass filter can be switched on.
−30
−24
−18
−12
−6
+6
input level
−18
−24
−12
output level
0
[dBr]
[dBr]
Subwoofer Channel
Volume Adjust
002Chex
H
0 dB
0000 0000
00hex
RESET
−1 dB
1111 1111
FFhex
−29 dB
1110 0011
E3hex
−30 dB
1110 0010
E2hex
Mute
1000 0000
80hex
Subwoofer Channel
Corner Frequency
002Dhex
H
50 Hz ... 400 Hz
e.g. 50 Hz = 5dec
400 Hz = 40dec
RESET
00hex
0000 0101
05hex
0010 1000
28hex
Subwoofer: Comple-
mentary High-pass
002Dhex
L
HP off
0000 0000
00hex
RESET
HP on
0000 0001
01hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com