Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM194 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM194
Description  LM194/LM394 Supermatch Pair
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM194 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM194 Datasheet HTML 1Page - National Semiconductor (TI) LM194 Datasheet HTML 2Page - National Semiconductor (TI) LM194 Datasheet HTML 3Page - National Semiconductor (TI) LM194 Datasheet HTML 4Page - National Semiconductor (TI) LM194 Datasheet HTML 5Page - National Semiconductor (TI) LM194 Datasheet HTML 6Page - National Semiconductor (TI) LM194 Datasheet HTML 7Page - National Semiconductor (TI) LM194 Datasheet HTML 8Page - National Semiconductor (TI) LM194 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Typical Applications (Continued)
Fast Accurate Logging Amplifier VIN e 10V to 01 mV or IIN e 1mAto10nA
TLH9241 – 3
1kX (g1%) at 25 C a3500 ppm C
Available from Vishay Ultronix
Grand Junction CO Q81 Series
VOUT eb log10
 VIN
VREF
J
Voltage Controlled Variable Gain Amplifier
TLH9241 – 4
R8–R10 and D2 provide a temperature
Distortion k 01%
independent gain control
Bandwidth l 1 MHz
G eb336 V1 (dB)
100 dB gain range
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com