Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM194 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM194
Description  LM194/LM394 Supermatch Pair
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM194 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM194 Datasheet HTML 1Page - National Semiconductor (TI) LM194 Datasheet HTML 2Page - National Semiconductor (TI) LM194 Datasheet HTML 3Page - National Semiconductor (TI) LM194 Datasheet HTML 4Page - National Semiconductor (TI) LM194 Datasheet HTML 5Page - National Semiconductor (TI) LM194 Datasheet HTML 6Page - National Semiconductor (TI) LM194 Datasheet HTML 7Page - National Semiconductor (TI) LM194 Datasheet HTML 8Page - National Semiconductor (TI) LM194 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH9241
December 1994
LM194LM394 Supermatch Pair
General Description
The LM194 and LM394 are junction isolated ultra well-
matched monolithic NPN transistor pairs with an order of
magnitude improvement in matching over conventional tran-
sistor pairs This was accomplished by advanced linear pro-
cessing and a unique new device structure
Electrical characteristics of these devices such as drift ver-
sus initial offset voltage noise and the exponential relation-
ship of base-emitter voltage to collector current closely ap-
proach those of a theoretical transistor Extrinsic emitter
and base resistances are much lower than presently avail-
able pairs either monolithic or discrete giving extremely low
noise and theoretical operation over a wide current range
Most parameters are guaranteed over a current range of
1 mA to 1 mA and 0V up to 40V collector-base voltage
ensuring superior performance in nearly all applications
To guarantee long term stability of matching parameters
internal clamp diodes have been added across the emitter-
base junction of each transistor These prevent degradation
due to reverse biased emitter currentthe most common
cause of field failures in matched devices The parasitic iso-
lation junction formed by the diodes also clamps the sub-
strate region to the most negative emitter to ensure com-
plete isolation between devices
The LM194 and LM394 will provide a considerable improve-
ment in performance in most applications requiring a closely
matched transistor pair In many cases trimming can be
eliminated entirely
improving reliability and decreasing
costs Additionally the low noise and high gain make this
device attractive even where matching is not critical
The LM194 and LM394LM394BLM394C are available in
an isolated header 6-lead TO-5 metal can package The
LM394LM394BLM394C are available in an 8-pin plastic
dual-in-line package The LM194 is identical to the LM394
except for tighter electrical specifications and wider temper-
ature range
Features
Y
Emitter-base voltage matched to 50 mV
Y
Offset voltage drift less than 01 mV C
Y
Current gain (hFE) matched to 2%
Y
Common-mode rejection ratio greater than 120 dB
Y
Parameters guaranteed over 1 mA to 1 mA collector
current
Y
Extremely low noise
Y
Superior logging characteristics compared to
conventional pairs
Y
Plug-in replacement for presently available devices
Typical Applications
Low Cost Accurate Square Root Circuit
IOUT e 10
b
5 010 VIN
TLH9241 – 1
Low Cost Accurate Squaring Circuit
IOUT e 10
b
6 (VIN)2
TLH9241 – 2
Trim for full scale accuracy
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM194

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1946 NSC-LM1946 Datasheet
216Kb / 12P
LM1946 Over/Under Current Limit Diagnostic Circuit
LM1946M NSC-LM1946M Datasheet
216Kb / 12P
LM1946 Over/Under Current Limit Diagnostic Circuit
LM1946N NSC-LM1946N Datasheet
216Kb / 12P
LM1946 Over/Under Current Limit Diagnostic Circuit
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
More results

Similar Description - LM194

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H23A1 FAIRCHILD-H23A1 Datasheet
307Kb / 5P
PLASTIC SIDELOOKER PAIR
logo
Solid States Devices, I...
RC0041B SSDI-RC0041B Datasheet
113Kb / 2P
RECTIFIER PAIR
logo
M/A-COM Technology Solu...
MADP-000208 MA-COM-MADP-000208_15 Datasheet
109Kb / 4P
PIN Diode Pair
logo
Samtec, Inc
QTH-020-01-F-D-DP-A SAMTEC-QTH-020-01-F-D-DP-A Datasheet
186Kb / 1P
0,50MM DIFFERENTIAL PAIR
logo
Knowles Electronics
EK-27405-000 KNOWLES-EK-27405-000 Datasheet
93Kb / 1P
MICROPHONE PAIR
EM-23897-S05 KNOWLES-EM-23897-S05 Datasheet
62Kb / 1P
MICROPHONE PAIR
EM-26425-C79 KNOWLES-EM-26425-C79 Datasheet
68Kb / 1P
MICROPHONE PAIR
EM-26734-D34 KNOWLES-EM-26734-D34 Datasheet
112Kb / 1P
MICROPHONE PAIR
EM-27902-C38 KNOWLES-EM-27902-C38 Datasheet
84Kb / 1P
MICROPHONE PAIR
logo
SHIKUES Electronics
MMDT2227 SKTECHNOLGY-MMDT2227 Datasheet
1Mb / 4P
Complementary Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com