Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM194 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM194
Description  LM194/LM394 Supermatch Pair
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM194 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM194 Datasheet HTML 1Page - National Semiconductor (TI) LM194 Datasheet HTML 2Page - National Semiconductor (TI) LM194 Datasheet HTML 3Page - National Semiconductor (TI) LM194 Datasheet HTML 4Page - National Semiconductor (TI) LM194 Datasheet HTML 5Page - National Semiconductor (TI) LM194 Datasheet HTML 6Page - National Semiconductor (TI) LM194 Datasheet HTML 7Page - National Semiconductor (TI) LM194 Datasheet HTML 8Page - National Semiconductor (TI) LM194 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Applications (Continued)
Precision Low Drift Operational Amplifier
Common-mode range 10V
IBIAS 25 nA
IOS 05 nA
VOS (untrimmed) 125 mV
(DVOS DT) 02 mVC
CMRR 120 dB
AVOL 2500000
C
200 pF for unity gain
C
30 pF for AV 10
C
5 pF for AV 100
TLH9241 – 5
C
0 pF for AV 1000
High Accuracy One Quadrant MultiplierDivider
TLH9241 – 6
VOUT e
(X) (Y)
(Z)
positive inputs only
Typical linearity 01%
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com