Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM194 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM194
Description  LM194/LM394 Supermatch Pair
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM194 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM194 Datasheet HTML 1Page - National Semiconductor (TI) LM194 Datasheet HTML 2Page - National Semiconductor (TI) LM194 Datasheet HTML 3Page - National Semiconductor (TI) LM194 Datasheet HTML 4Page - National Semiconductor (TI) LM194 Datasheet HTML 5Page - National Semiconductor (TI) LM194 Datasheet HTML 6Page - National Semiconductor (TI) LM194 Datasheet HTML 7Page - National Semiconductor (TI) LM194 Datasheet HTML 8Page - National Semiconductor (TI) LM194 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Applications (Continued)
High Performance Instrumentation Amplifier
Gain e
106
RS
TLH9241 – 7
Performance Characteristics
G e 10000 G e 1000 G e 100 G e 10
Linearity of Gain (g10V Output)
s
001
s
001
s
002
s
005
%
Common-Mode Rejection Ratio (60 Hz)
t
120
t
120
t
110
t
90
dB
Common-Mode Rejection Ratio (1 kHz)
t
110
t
110
t
90
t
70
dB
Power Supply Rejection Ratio
a
Supply
l
110
l
110
l
110
l
110
dB
b
Supply
l
110
l
110
l
90
l
70
dB
Bandwidth (b3 dB)
50
50
50
50
kHz
Slew Rate
03
03
03
03
V ms
Offset Voltage Drift
s
025
s
04
2
s
10
m
V C
Common-Mode Input Resistance
l
109
l
109
l
109
l
109
X
Differential Input Resistance
l
3x108
l
3x108 l3x108 l3x108
X
Input Referred Noise (100 Hz s f s 10 kHz)
5
6
12
70
nV
0Hz
Input Bias Current
75
75
75
75
nA
Input Offset Current
15
15
15
15
nA
Common-Mode Range
g
11
g
11
g
11
g
10
V
Output Swing (RL e 10 kX)
g
13
g
13
g
13
g
13
V
Assumes s 5 ppm C tracking of resistors
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com