Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 17Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 18Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 19Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 20Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 21Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 22Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 23Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 24Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 21
MCP3918
3.9
Modulator Output
(MDAT0)
MDAT0 is the output pin for the modulator serial bit
streams of the ADC. This pin is high-impedance when
the EN_MDAT bit is logic low. When the EN_MDAT bit
is enabled, the modulator bit stream of the ADC is
present on the pin and updated at the AMCLK
frequency (see Section 5.3.5 “Modulator Output
Block”
for a complete description of the modulator
output). This pin can be directly connected to an MCU
or a DSP when a specific digital filtering is needed.
When the MDAT0 output pin is enabled, the DR output
is disabled. In 2-Wire Interface mode, this pin is
automatically inactive. Its state is high-impedance
during the 2-Wire mode (therefore this pin can be left
grounded in applications using exclusively the 2-Wire
Interface mode; this configuration improves the
EMI/EMC susceptibility of the device).
3.10
Data Ready Output/GAIN1 Logic
Input (DR/GAIN1)
In SPI mode, the Data Ready pin indicates if a new
conversion result is ready to be read. The default state
of this pin is logic high when DR_HIZ = 1 and is
high-impedance when DR_HIZ = 0 (default). After
each conversion is finished, a logic low pulse will take
place on the Data Ready pin to indicate the conversion
result is ready as an interrupt. This pulse is
synchronous with the master clock and has a defined
and constant width.
The Data Ready pin is independent from the SPI
interface and acts like an interrupt output. The Data
Ready pin state is not latched, and the pulse width (and
period) are both determined by the MCLK frequency,
oversampling rate, and internal clock prescale settings.
The Data Ready pulse width is equal to half a DMCLK
period and the frequency of the pulses is equal to
DRCLK (see Figure 1-3).
In 2-Wire Interface mode, this is the GAIN1 logic select
pin. See Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for GAIN0 and
GAIN1. The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.11
Crystal Oscillator/Master Clock
Input/GAIN0 Logic Input
(OSC1/CLKI/GAIN0)
In SPI mode, OSC1/CLKI and OSC2 provide the
master clock for the device. When CLKEXT = 0, a
resonant crystal or clock source with a similar
sinusoidal waveform must be placed across the OSC1
and OSC2 pins to ensure proper operation.
The typical clock frequency specified is 4 MHz. For
proper operation and in order to optimize ADC
accuracy, AMCLK should be limited to the maximum
frequency defined in Table 5-2 for the function of the
BOOST and PGA setting chosen. MCLK can take
larger values as long as the prescaler settings
(PRE<1:0>) limit AMCLK = MCLK/PRESCALE in the
defined
range
in
Table 5-2.
Appropriate
load
capacitance should be connected to these pins for
proper operation.
In 2-Wire Interface mode, this is the GAIN0 logic select
pin. See Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for GAIN0 and
GAIN1. The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
3.12
Crystal Oscillator Output/
Interface MODE Logic Input
(OSC2/MODE)
When CLKEXT = 0 (default), a resonant crystal or
clock source with a similar sinusoidal waveform must
be placed across the OSC1 and OSC2 pins to ensure
proper operation. Appropriate load capacitance should
be connected to these pins for proper operation.
When CLKEXT = 1 (default condition at POR), this pin
is the MODE selection pin for the digital interface.
When MODE is logic low, the SPI interface is selected
(see Section 6.0 “SPI Serial Interface Description”).
When MODE is logic high, the 2-Wire interface is
selected (see Section 7.0 “2-Wire Serial Interface
Description”
). The MODE input is latched after a
POR, a Master Reset and/or a Watchdog Timer Reset.
Note:
This pin should not be left floating when
the DR_HIZ bit is low; a 100 k
 pull-up
resistor
connected
to
DVDD
is
recommended.
Note:
When CLKEXT = 1, the crystal oscillator
is disabled. OSC1 becomes the master
clock input CLKI, a direct path for an
external clock source. One example
would be a clock source generated by an
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com