Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1-E/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 9Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 10Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 11Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 12Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 13Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 14Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 15Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 16Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 13
MCP3918
Note:
Unless otherwise indicated, AVDD =3V, DVDD =3V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 256; GAIN = 1; Dithering = Maximum; VIN = -0.5 dBFS @ 60 Hz on all channels, VREFEXT = 0; CLKEXT = 1;
BOOST<1:0> = 10.
FIGURE 2-13:
SNR vs.OSR.
FIGURE 2-14:
SFDR vs. OSR.
FIGURE 2-15:
THD vs. MCLK.
FIGURE 2-16:
SINAD vs. MCLK.
FIGURE 2-17:
SNR vs. MCLK.
FIGURE 2-18:
SFDR vs. MCLK.
110
95
100
105
85
90
95
75
80
85
Dithering=Maximum
65
70
75
Dithering Maximum
Dithering=Medium
Dithering=Minimum
Dithering=Off
60
32
64
128
256
512
1024 2048 4096
O
li
R ti (OSR)
Oversampling Ratio (OSR)
120
110
115
100
105
110
95
100
Dithering=Maximum
85
90
g
Dithering=Medium
Dithering=Minimum
Dithering=Off
80
32
64
128
256
512 1024 2048 4096
O
li
R ti (OSR)
Dithering Off
Oversampling Ratio (OSR)
100
-95
-90
-85
-80
-75
-70
-65
-60
Boost = 00
Boost = 01
Boost = 10
Boost = 11
-110
-105
-100
2
4
6
8
10
12
14
16
18
20
MCLK Frequency (MHz)
100
90
95
80
85
75
80
65
70
Boost = 00
Boost = 01
60
2
4
6
8
10
12
14
16
18
Boost = 10
MCLK Frequency (MHz)
100
90
95
80
85
75
80
65
70
Boost = 00
Boost = 01
Boost = 10
60
2
4
6
8
1012141618
Boost = 10
Boost = 11
MCLK Frequency (MHz)
120
110
90
100
80
90
70
80
Boost = 00
Boost = 01
Boost = 10
60
2
4
6
8
10
12
14
16
18
20
Boost = 11
2
4
6
8
10
12
14
16
18
20
MCLK Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com