Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1-E/SS Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 31Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 32Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 33Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 34Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 35Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 36Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 37Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 38Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005287A-page 35
MCP3918
FIGURE 5-4:
Sinc Filter Frequency
Response, OSR = 256, MCLK = 4 MHz,
PRE<1:0> = 00.
FIGURE 5-5:
Sinc Filter Frequency
Response, OSR = 4096 (in pink), OSR = 512 (in
blue), MCLK = 4 MHz, PRE<1:0> = 00.
5.5
ADC Output Coding
The second-order modulator, SINC3+SINC1 filter,
PGA, VREF and the analog input structure all work
together to produce the device transfer function for the
analog-to-digital conversion (see Equation 5-3).
The output data is calculated on 24-bit (23-bit plus sign)
and coded in two's complement format, MSB first. The
output format can then be modified by the
WIDTH_DATA<1:0> settings in the STATUSCOM
register to allow 16-, 24- or 32-bit formats compatibility
(see Section 9.5 “STATUSCOM Register - Status
and Communication Register”
for more information).
In
case
of
positive
saturation
(CH0+ – CH0-
>VREF/1.5), the output code is locked to 7FFFFF for
24-bit
mode.
In
case
of
negative
saturation
(CH0+ - CH0- < -VREF/1.5), the output code is locked
to 800000 for 24-bit mode.
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3+SINC1 filter (see
Equations 5-1 and 5-3).
EQUATION 5-3:
For data formats other than the default 24-bit format,
Equation 5-3 should be multiplied by a scaling factor,
depending on the data format used (defined by
WIDTH_DATA<1:0>). The data format and the
associated scaling factors are given in Figure 5-6.
TABLE 5-4:
OVERSAMPLING RATIO AND SINC FILTER SETTLING TIME
OSR<2:0>
OSR3
OSR1
Total OSR
Resolution in Bits
(No Missing Code)
Settling Time
-3 dB Bandwidth
000
32
1
32
17
96/DMCLK
0.26*DRCLK
001
64
1
64
20
192/DMCLK
0.26*DRCLK
010
128
1
128
23
384/DMCLK
0.26*DRCLK
011
256
1
256
24
768/DMCLK
0.26*DRCLK
100
512
1
512
24
1536/DMCLK
0.26*DRCLK
101
512
2
1024
24
2048/DMCLK
0.37*DRCLK
110
512
4
2048
24
3072/DMCLK
0.42*DRCLK
111
512
8
4096
24
5120/DMCLK
0.43*DRCLK
-80
-60
-40
-20
0
-120
-100
1
10
100
1000
10000
100000
Input Frequency (Hz)
-100
-80
-60
-40
-20
0
-160
-140
-120
1
100
10000
1000000
Input Frequency (Hz)
For 24-bit Mode, WIDTH_DATA<1:0> = 01 (Default)
DATA_CH0
CH
n+
CH
n-
–
V
REF+
V
RE F-
–
-------------------------------------


8388 608

G
1.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com