Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3918A1-E/SS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3918A1-E/SS
Description  3V Single-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3918A1-E/SS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3918A1-E/SS Datasheet HTML 2Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 3Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 4Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 5Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 6Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 7Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 8Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 9Page - Microchip Technology MCP3918A1-E/SS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MCP3918
DS20005287A-page 6
 2014 Microchip Technology Inc.
1.2
Serial Interface Characteristics
Operating Current, Digital
IDD,D
—
0.2
0.3
mA
MCLK = 4 MHz,
proportional to MCLK
—0.7
—
mA
MCLK = 16 MHz,
proportional to MCLK
ShutdownCurrent,Analog
IDDS,A
——
1
µA
AVDD pin only (Note 4)
Shutdown Current, Digital
IDDS,D
——
2
µA
DVDD pin only (Note 4)
Pull-Down Current
on OSC2 Pin
(External Clock Mode)
IOSC2
—
35
—
µA
CLKEXT = 1
TABLE 1-2:
SERIAL DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at DVDD = 2.7 to 3.6 V,
TA = -40°C to +125°C (Note 1), CLOAD = 30 pF, applies to all digital I/O.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
High-Level Input Voltage
VIH
0.7 DVDD
—
—
V
Schmitt-Triggered
Low-Level Input Voltage
VIL
——
0.3 DVDD
V
Schmitt-Triggered
Input Leakage Current
ILI
—
—
±1
µA
CS =DVDD,
VIN =DGND to DVDD
Output Leakage Current
ILO
—
—
±1
µA
CS =DVDD,
VOUT =DGND or DVDD
Hysteresis
of Schmitt-Triggered Inputs
VHYS
—300
—
mV
DVDD = 3.3V only (Note 3)
Low-Level Output Voltage
VOL
—
—
0.4V
V
IOL =+1.7mA, DVDD =3.3V
High-Level Output Voltage
VOH
DVDD -0.5
—
—
V
IOH =-1.7mA, DVDD =3.3V
Internal Capacitance
(All Inputs and Outputs)
CINT
——
7
pF
TA = +25°C, SCK = 1.0 MHz,
DVDD =3.3V (Note 2)
Note 1:
All specifications are valid down to -45°C.
2:
This parameter is periodically sampled and not 100% tested.
3:
This parameter is established by characterization and not production tested.
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD =DVDD =3V, MCLK =4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10,
VCM =0V; TA = -40°C to +125°C (Note 1); VIN =1.2 VPP = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
All specifications are valid down to -45°C.
2:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range,
VIN =1.2 VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See Section 4.0 “Terminology and Formulas” for definition.
This parameter is established by characterization and not 100% tested.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<0> = 0, RESET<0> = 0,
VREFEXT = 0, CLKEXT = 0.
4:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<0> = 1, VREFEXT = 1,
CLKEXT = 1.
5:
Applies to all gains. Offset and gain errors depend on the PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
Outside this range, the ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part, with no damage.
7:
For proper operation and for optimizing the ADC accuracy, AMCLK should be limited to the maximum frequency defined
in Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE within the defined range in Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com